Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MF2DLH1000DA4/02 Datasheet(PDF) 21 Page - NXP Semiconductors

No. de pieza MF2DLH1000DA4/02
Descripción Electrónicos  MIFARE DESFire Light contactless application IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF2DLH1000DA4/02 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button MF2DLH1000DA4/02 Datasheet HTML 17Page - NXP Semiconductors MF2DLH1000DA4/02 Datasheet HTML 18Page - NXP Semiconductors MF2DLH1000DA4/02 Datasheet HTML 19Page - NXP Semiconductors MF2DLH1000DA4/02 Datasheet HTML 20Page - NXP Semiconductors MF2DLH1000DA4/02 Datasheet HTML 21Page - NXP Semiconductors MF2DLH1000DA4/02 Datasheet HTML 22Page - NXP Semiconductors MF2DLH1000DA4/02 Datasheet HTML 23Page - NXP Semiconductors MF2DLH1000DA4/02 Datasheet HTML 24Page - NXP Semiconductors MF2DLH1000DA4/02 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 132 page
background image
NXP Semiconductors
MF2DL(H)x0
MIFARE DESFire Light contactless application IC
MF2DL_H_x0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3.3 — 5 April 2019
COMPANY PUBLIC
430733
21 / 132
8.6 Backup management
MF2DL(H)x0 supports the implementation of transactions with tearing protection by its
backup file management. The following file types are backup file types:
• Value
• CyclicRecord
• TMC and TMV inside the TransactionMAC file
All updates to these file types will be done only if CommitTransaction is executed
successfully. If the transaction is teared, or an error occurs, before issuing
CommitTransaction, none of the changes issued during the transaction so far will be
applied.
If the card is teared during the CommitTransaction execution itself, the implementation
will still ensure that either all, or none of the changes are applied. Note that it is possible
that the reader will not receive the response to CommitTransaction despite a successful
execution, i.e. when tearing on the response transmission. The chance for this to occur
is limited by a short execution time of the CommitTransaction command. However, still
some system level measures should be considered for this event.
Note that files of StandardData do not offer this backup mechanism. However, still a
limited tearing protection is offered by ensuring that on single frame write operations the
updated data is either completely written or not changed at all.
8.7 Product originality
MF2DL(H)x0 supports two types of originality check: one based on an LRP
authentication with AES originality keys and another one with a static signature
verification with an ECC public key. For detail of the ECC originality check, refer to
originality check commands.
The AES-based originality verification using AuthenticateLRPFirst or
AuthenticateLRPNonFirst is done with one of the OriginalityKey described in
Section 8.2.4.