Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MF2DL1000DA4/02 Datasheet(PDF) 46 Page - NXP Semiconductors

No. de pieza MF2DL1000DA4/02
Descripción Electrónicos  MIFARE DESFire Light contactless application IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF2DL1000DA4/02 Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button MF2DL1000DA4/02 Datasheet HTML 42Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 43Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 44Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 45Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 46Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 47Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 48Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 49Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 132 page
background image
NXP Semiconductors
MF2DL(H)x0
MIFARE DESFire Light contactless application IC
MF2DL_H_x0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3.3 — 5 April 2019
COMPANY PUBLIC
430733
46 / 132
The Transaction MAC is not updated when the TransactionMAC file is targeted with the
ReadData command.
WriteData command TMI update
   TMI = TMI || Cmd || FileNo || Offset || Length || ZeroPadding || Data ||
ZeroPadding
Note that the first ZeroPadding for the WriteData command is actually adding 8 zero
bytes after the command parameter fields so that those and the padding add up to 16
bytes.
GetValue command TMI update
   TMI = TMI || Cmd || FileNo || Value || ZeroPadding
Credit command TMI update
   TMI = TMI || Cmd || FileNo || Value || ZeroPadding
Debit command TMI update
   TMI = TMI || Cmd || FileNo || Value || ZeroPadding
LimitedCredit command TMI update
   TMI = TMI || Cmd || FileNo || Value || ZeroPadding
ReadRecords command TMI update
   TMI = TMI || Cmd || FileNo || RecNo || RecCount || ZeroPadding || Data
If RecCount is set to 000000h in the command, meaning that all records are read
(starting from the RecNo), the actual length value is filled in with the number of records
read for the TM computation.
Note that ZeroPadding for the ReadRecords command is actually adding 8 zero bytes
after the command parameter fields so that those and the padding add up to 16 bytes. As
the data is always a multiple of 16 bytes, no padding is needed at the end of the TMI.
WriteRecord command TMI update
   TMI = TMI || Cmd || FileNo || Offset || Length || ZeroPadding || Data
Note that ZeroPadding for the WriteRecord command is actually adding 8 zero bytes
after the command parameter fields so that those and the padding add up to 16 bytes. As
the data is always a multiple of 16 bytes, no padding is needed at the end of the TMI.
UpdateRecord command TMI update
   TMI = TMI || Cmd || FileNo || RecNo || Offset || Length || ZeroPadding || Data
Note that ZeroPadding for the UpdateRecord command is actually adding 5 zero bytes
after the command parameter fields so that those and the padding add up to 16 bytes. As
the data is always a multiple of 16 bytes, no padding is needed at the end of the TMI.
ClearRecordFile command TMI update
   TMI = TMI || Cmd || FileNo || ZeroPadding