Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BTNA06N3 Datasheet(PDF) 3 Page - Cystech Electonics Corp.

No. de pieza BTNA06N3
Descripción Electrónicos  General Purpose NPN Epitaxial Planar Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYSTEKEC [Cystech Electonics Corp.]
Página de inicio  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTNA06N3 Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  BTNA06N3 Datasheet HTML 1Page - Cystech Electonics Corp. BTNA06N3 Datasheet HTML 2Page - Cystech Electonics Corp. BTNA06N3 Datasheet HTML 3Page - Cystech Electonics Corp. BTNA06N3 Datasheet HTML 4Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C216N3
Issued Date : 2003.10.07
Revised Date :
Page No. : 3/4
BTNA06N3
CYStek Product Specification
Characteristic Curves
Current Gain vs Collector Current
10
100
1000
1
10
100
1000
Collector Current---IC(mA)
VCE = 5V
VCE = 1V
VCE = 2V
Saturation Voltage vs Collector Current
10
100
1000
1
10
100
1000
Collector Current---IC(mA)
VCE(SAT) @IC=20IB
VCE(SAT) @IC=10IB
Saturation Voltage vs Collector Current
100
1000
1
10
100
1000
Collector Current---IC(mA)
VBE(SAT) @IC=10IB
On Voltage vs Collector Current
100
1000
1
10
100
1000
Collector Current---IC(mA)
VBE(ON) @VCE=1V
Power Derating Curve
0
50
100
150
200
250
0
50
100
150
200
Ambient Temperature---TA(℃)



Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com