Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NFL21SP206X1C7 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd

No. de pieza NFL21SP206X1C7
Descripción Electrónicos  Suppresses noise with little attenuation of the signal itself due to its steep filtering characteristics.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MURATA1 [Murata Manufacturing Co., Ltd]
Página de inicio  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

NFL21SP206X1C7 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd

  NFL21SP206X1C7_V01 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd NFL21SP206X1C7_V01 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd NFL21SP206X1C7_V01 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Search Data Sheet
NFL21SP206X1C7#
“#” indicates a package specification code.
Note: This datasheet may be out of date.
Please download the latest datasheet of NFL21SP206X1C7# from the official website of Murata
Manufacturing Co., Ltd.
http://www.murata.com/en/products/productdetail?partno=NFL21SP206X1C7%23
Attention
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : https://www.murata.com/
Last updated07/26/2022
Specifications
Shape
SMD
Size Code (in inch)
0805
Length
2.0mm
Length
 Tolerance
±0.2mm
Width
1.25mm
Width Tolerance
±0.1mm
Thickness
0.85mm
Thickness
 Tolerance
±0.1mm
Operating Temperature
Range
-55
℃ to 125℃
Mass(typ.)
0.009g
Number of Circuit
1
Rated Current
100mA
Rated Voltage
16Vdc
Withstanding Voltage
50Vdc
Insulation Resistance(min.)
1000MΩ
Nominal Cut-off Frequency
20MHz
Capacitance
240pF
Capacitance Tolerance
±20%
Inductance
700nH
Inductance Tolerance
±20%
Size Code (in mm)
2012
2 of 3



Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com