Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PIO Datasheet(PDF) 1 Page - AiT Semiconductor Inc.

No. de pieza PIO
Descripción Electrónicos  POWER INDUCTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AITSEMI [AiT Semiconductor Inc.]
Página de inicio  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

PIO Datasheet(HTML) 1 Page - AiT Semiconductor Inc.

  PIO Datasheet HTML 1Page - AiT Semiconductor Inc. PIO Datasheet HTML 2Page - AiT Semiconductor Inc. PIO Datasheet HTML 3Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
POWER INDUCTOR
PIO
●FEATURE
1.
High current capacity and Low DCR(used ceramic base)
2.
High heat resistance, ideal for reflow soldering
3.
Open magnetic circuit construction
●APPLICATION
1.
DC-DC converter, PDA and Cellular Phone
2.
Set top box, Notebook and Server
●ORDERING INFORMATION
PIO1608
-1R0
T
PN
Inductance
M:±20%
●SHAPE AND DIMENSION
●SCHEMATICS AND LAND PATTERNS(mm)
●SPECIFICATION
Dimension in mm
TYPE
A (MAX)
B(MAX)
C(MAX)
D(REF)
E(REF)
F(REF)
G(REF)
PIO1608
6.6
4.45
2.92
1.02
1.27
3.05
4.32


Número de pieza similar - PIO

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Contec Co., Ltd
PIO-16H CONTEC-PIO-16H Datasheet
323Kb / 4P
High-Speed Isolated TTL-Level Digital I/O Board for PCI
PIO-32 CONTEC-PIO-32 Datasheet
338Kb / 4P
Isolated Digital I/O Board for PCI
PIO-32H CONTEC-PIO-32H Datasheet
480Kb / 4P
High Speed Isolated Digital I/O Board for PCI
PIO-32V CONTEC-PIO-32V Datasheet
239Kb / 5P
Isolated Digital I/O Board for PCI
PIO-48DH CONTEC-PIO-48DH Datasheet
433Kb / 3P
Bi-directional Digital I/O Board for Low Profile PCI
More results

Descripción similar - PIO

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
R0612-8R2K ETC1-R0612-8R2K Datasheet
38Kb / 1P
Power Inductor
logo
Sumida Corporation
CDRC62 SUMIDA-CDRC62 Datasheet
228Kb / 2P
Power Inductor
CDRR127 SUMIDA-CDRR127 Datasheet
32Kb / 1P
Power Inductor
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
SMD Power Inductor SMD Power Inductor
C2DEP1010 SUMIDA-C2DEP1010 Datasheet
206Kb / 3P
Power Inductor
CDEP1411 SUMIDA-CDEP1411 Datasheet
222Kb / 4P
Power Inductor
CDRH8D38A SUMIDA-CDRH8D38A_11 Datasheet
170Kb / 4P
Power Inductor
CDRR75 SUMIDA-CDRR75 Datasheet
174Kb / 4P
Power Inductor
CDRR107 SUMIDA-CDRR107_11 Datasheet
153Kb / 4P
Power Inductor
logo
Murata Manufacturing Co...
LQH2HP_G0 MURATA-LQH2HP_G0 Datasheet
73Kb / 2P
Chip Inductor Power Inductor
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com