Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TGA4043 Datasheet(PDF) 3 Page - TriQuint Semiconductor

No. de pieza TGA4043
Descripción Electrónicos  Q-band Power Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TRIQUINT [TriQuint Semiconductor]
Página de inicio  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA4043 Datasheet(HTML) 3 Page - TriQuint Semiconductor

  TGA4043 Datasheet HTML 1Page - TriQuint Semiconductor TGA4043 Datasheet HTML 2Page - TriQuint Semiconductor TGA4043 Datasheet HTML 3Page - TriQuint Semiconductor TGA4043 Datasheet HTML 4Page - TriQuint Semiconductor TGA4043 Datasheet HTML 5Page - TriQuint Semiconductor TGA4043 Datasheet HTML 6Page - TriQuint Semiconductor TGA4043 Datasheet HTML 7Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Advance Product Information
April 25, 2005
3
TriQuint Semiconductor Texas Phone: (972)994-8465 Fax: (972)994 8504 Email: info-mmw@tqs.com Web: www.triquint.com
TABLE III
RF CHARACTERIZATION TABLE
(TA = 25
°C, Nominal)
Vd = 7V, Id = 500 mA
SYMBOL
PARAMETER
TEST
CONDITION
TYPICAL
LIMITS
UNITS
Gain
Small Signal Gain
F = 40-45 GHz
10
dB
IRL
Input Return Loss
F = 40-45 GHz
14.5
dB
ORL
Output Return Loss
F = 40-45 GHz
12.5
dB
P1dB
Output Power @
1dB Gain
Compression
F = 40-45 GHz
29
dBm
TABLE IV
THERMAL INFORMATION*
Parameter
Test Conditions
TCH
(
oC)
RTJC
(
qC/W)
TM
(HRS)
RθJC Thermal
Resistance
(channel to backside of
carrier)
Vd = 7 V
ID = 500 mA
Pdiss = 3.5 W
130
17.3
5.9 E+6
Note: Assumes eutectic attach using 1.5 mil 80/20 AuSn mounted to a 20 mil
CuMo Carrier at 70
°C baseplate temperature. Worst case condition with no RF
applied, 100% of DC power is dissipated.
TGA4043



Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com