Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ATMV24VPN200V10MA2 Datasheet(PDF) 3 Page - Analog Technologies, Inc.

No. de pieza ATMV24VPN200V10MA2
Descripción Electrónicos  4W Isolated DC-DC Power Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Página de inicio  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

ATMV24VPN200V10MA2 Datasheet(HTML) 3 Page - Analog Technologies, Inc.

  ATMV24VPN200V10MA2 Datasheet HTML 1Page - Analog Technologies, Inc. ATMV24VPN200V10MA2 Datasheet HTML 2Page - Analog Technologies, Inc. ATMV24VPN200V10MA2 Datasheet HTML 3Page - Analog Technologies, Inc. ATMV24VPN200V10MA2 Datasheet HTML 4Page - Analog Technologies, Inc. ATMV24VPN200V10MA2 Datasheet HTML 5Page - Analog Technologies, Inc. ATMV24VPN200V10MA2 Datasheet HTML 6Page - Analog Technologies, Inc. ATMV24VPN200V10MA2 Datasheet HTML 7Page - Analog Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
1161 Ringwood Ct, #110, San Jose, CA 95131, U. S. A. Tel.: (408) 748-9100, Fax:
9187
-
(408) 770
www.analogtechnologies.com
Copyrights 2000-2022, Analog Technologies, Inc. All Rights Reserved. Updated on 6/28/2022
Email: staff@analogti.com/sales@analogti.com
3
Analog Technologies
ATMV24VPN200V10MA2
4W Isolated DC-DC Power Module
Output Short-Circuit
Protection Time
tSC
≤60
s
Switching Frequency
fSW
VVPS = 24V
IOUT = 10mA
125
kHz
Line Regulation
∆VOUT/∆VVPS
VVPS = 24V
IOUT =10mA
±1
%
Load Regulation
∆VOUT/∆IOUT
VVPS = 24V
Load change from 10% to
100%
±1
%
Isolation Voltage
VIS
1500
VDC
Isolation Resistance
Input
To
Output
500VDC
TA = 25℃
70%RH
1000
MΩ
Isolation Capacitance
1
nF
Output Voltage Temperature
Coefficient
TCVOUT (1)
VVPS = 24V
IOUT = 10mA
0.03
%/°C
Cooling Method
Air Cooling
Mean Time Between Failure
MTBF
MIL-HDBK-217F@25°C
1000
Kh
Operating Temperature
Range
Topr
−40
85
°C
Storage Temperature Range
Tstg
−40
105
°C
Maximum Soldering
Temperature on Connection
Pins
Tsld
Soldering Time:10s
300
°C
Case Temperature Rise
Tcs
VVPS = 24V
IOUT = 10mA
35
°C
Storage Relative Humidity
Range
RH
95
%
Case Material
Aluminum
External Dimensions
(Exclude Connection Pins)
50.8×25.4×10.5
mm
2×1×0.41
inch
Weight
16.62
g
0.036
lbs
0.586
Oz



Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com