Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADUM7703BRWZ Datasheet(PDF) 1 Page - Analog Devices

No. de pieza ADUM7703BRWZ
Descripción Electrónicos  16-Bit, Isolated, Sigma-Delta ADC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADUM7703BRWZ Datasheet(HTML) 1 Page - Analog Devices

  ADUM7703BRWZ Datasheet HTML 1Page - Analog Devices ADUM7703BRWZ Datasheet HTML 2Page - Analog Devices ADUM7703BRWZ Datasheet HTML 3Page - Analog Devices ADUM7703BRWZ Datasheet HTML 4Page - Analog Devices ADUM7703BRWZ Datasheet HTML 5Page - Analog Devices ADUM7703BRWZ Datasheet HTML 6Page - Analog Devices ADUM7703BRWZ Datasheet HTML 7Page - Analog Devices ADUM7703BRWZ Datasheet HTML 8Page - Analog Devices ADUM7703BRWZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
16-Bit, Isolated,
Sigma-Delta ADC
Data Sheet
ADuM7703
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2019 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
5 MHz to 21 MHz master clock input frequency
Offset drift vs. temperature: ±0.6 μV/°C maximum
SNR: 86 dB typical
16 bits, no missing codes
Full-scale analog input voltage range: ±320 mV
ENOB: 14 bits typical
IDD1: 10 mA maximum
On-board digital isolator
Operating temperature range
−40°C to +125°C (16-lead SOIC_W)
−40°C to +105°C (8-lead SOIC_IC)
20 V operation on VDD1
High CMTI: 150 kV/μs minimum, VDD2 = 3.3 V
Wide-body SOICs
16-lead SOIC_W
8-lead SOIC_IC with increased creepage
Safety and regulatory approvals
UL recognition
5700 V rms for 1 minute per UL 1577
CSA Component Acceptance Notice 5A (Pending)
VDE Certificate of Conformity
DIN V VDE V 0884-10: VIORM = 1270 VPEAK
DIN V VDE V 0884-11: VIORM = 1060 VPEAK (Pending)
APPLICATIONS
Shunt current monitoring
AC motor controls
Power and solar inverters
Wind turbine inverters
Analog-to-digital and optoisolator replacement
FUNCTIONAL BLOCK DIAGRAM
VDD1
ADuM7703
VDD2
MCLKIN
MDAT
GND2
GND1
DATA
DECODER
CLK
ENCODER
DATA
ENCODER
Σ-∆ ADC
GAIN
VIN+
VIN–
CLK
DECODER
LDO
Figure 1.
GENERAL DESCRIPTION
The ADuM7703 is a high performance, second-order, Σ-Δ analog-
to-digital converter (ADC) with an integrated low dropout
(LDO) regulator that converts an analog input signal into a high
speed, single-bit data stream with on-chip digital isolation
based on Analog Devices, Inc., iCoupler® technology. The
device operates from a 4.5 V to 20 V power supply range (VDD1)
and accepts a pseudo differential input signal of ±250 mV
(±320 mV full-scale). The pseudo differential input is ideally
suited to shunt voltage monitoring in high voltage applications
where galvanic isolation is required.
The analog input is continuously sampled by a high performance
analog modulator and converted to a ones density digital output
stream with a data rate of up to 21 MHz. The original information
can be reconstructed with an appropriate sinc3 digital filter to
achieve an 86 dB signal-to-noise ratio (SNR) at 78.1 kSPS with a
256 decimation rate and a 20 MHz master clock. The serial
input and output operates from a 5 V or a 3.3 V supply (VDD2).
The serial interface is digitally isolated. High speed complementary
metal-oxide semiconductor (CMOS) technology, combined with
monolithic transformer technology, results in the on-chip isolation
providing outstanding performance characteristics, superior to
alternatives such as optocoupler devices. The ADuM7703 device
is available in a 16-lead, wide-body SOIC with an operating
temperature range of −40°C to +125°C and an 8-lead, wide-body
SOIC with an operating temperature range of −40°C to +105°C.


Número de pieza similar - ADUM7703BRWZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADUM7703BRWZ AD-ADUM7703BRWZ Datasheet
351Kb / 22P
16-Bit, Isolated, Sigma-Delta ADC
6/2019-Revision 0
ADUM7703BRWZ-RL AD-ADUM7703BRWZ-RL Datasheet
351Kb / 22P
16-Bit, Isolated, Sigma-Delta ADC
6/2019-Revision 0
ADUM7703BRWZ-RL7 AD-ADUM7703BRWZ-RL7 Datasheet
351Kb / 22P
16-Bit, Isolated, Sigma-Delta ADC
6/2019-Revision 0
More results

Descripción similar - ADUM7703BRWZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7707 AD-AD7707_15 Datasheet
693Kb / 52P
3-Channel 16-Bit, Sigma-Delta ADC
REV. B
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
16-Bit, Sigma-Delta ADC
REV. D
AD7402 AD-AD7402 Datasheet
519Kb / 20P
16-Bit, Isolated Sigma-Delta Modulator
REV. A
AD7403 AD-AD7403 Datasheet
655Kb / 25P
16-Bit, Isolated Sigma-Delta Modulator
Rev. B
AD7171 AD-AD7171_17 Datasheet
313Kb / 17P
16-Bit, Low Power, Sigma-Delta ADC
23-Feb-2017
AD7715 AD-AD7715_17 Datasheet
897Kb / 41P
16-Bit, Sigma-Delta ADC
23-Feb-2017
ADUM7701 AD-ADUM7701 Datasheet
485Kb / 22P
16-Bit, Isolated, Sigma-Delta Modulator
3/2019-Revision 0
ADUM7703 AD-ADUM7703 Datasheet
351Kb / 22P
16-Bit, Isolated, Sigma-Delta ADC
6/2019-Revision 0
ADUM7702 AD-ADUM7702 Datasheet
493Kb / 22P
16-Bit, Isolated, Sigma-Delta Modulator
7/2020-Revision 0
ADUM7704 AD-ADUM7704 Datasheet
384Kb / 22P
16-Bit, Isolated, Sigma-Delta Modulator
8/2020-Revision 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com