Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADUM7703 Datasheet(PDF) 5 Page - Analog Devices

No. de pieza ADUM7703
Descripción Electrónicos  16-Bit, Isolated, Sigma-Delta ADC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADUM7703 Datasheet(HTML) 5 Page - Analog Devices

  ADUM7703 Datasheet HTML 1Page - Analog Devices ADUM7703 Datasheet HTML 2Page - Analog Devices ADUM7703 Datasheet HTML 3Page - Analog Devices ADUM7703 Datasheet HTML 4Page - Analog Devices ADUM7703 Datasheet HTML 5Page - Analog Devices ADUM7703 Datasheet HTML 6Page - Analog Devices ADUM7703 Datasheet HTML 7Page - Analog Devices ADUM7703 Datasheet HTML 8Page - Analog Devices ADUM7703 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Data Sheet
ADuM7703
Rev. A | Page 5 of 22
PACKAGE CHARACTERISTICS
Table 3.
Parameter1
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
Resistance (Input to Output)
RI-O
1012
Ω
Capacitance (Input to Output)
CI-O
1
pF
Frequency = 1 MHz
1 The device is considered a 2-terminal device. For the 16-lead SOIC_W, Pin 1 to Pin 8 are shorted together and Pin 9 to Pin 16 are shorted together. For the 8-lead
SOIC_IC, Pin 1 to Pin 4 are shorted together and Pin 5 to Pin 8 are shorted together.
INSULATION AND SAFETY RELATED SPECIFICATIONS
Table 4.
Parameter
Symbol
Value
Unit
Test Conditions/Comments
Input to Output Momentary Withstand Voltage
VISO
5700 min
V rms
1 minute duration
Minimum External Air Gap (Clearance)1, 2
16-Lead SOIC_W
L(I01)
7.8 min
mm
Measured from input terminals to output
terminals, shortest distance through air
8-Lead SOIC_IC
L(I01)
8.1 min
mm
Measured from input terminals to output
terminals, shortest distance through air
Minimum External Tracking (Creepage)1
16-Lead SOIC_W
L(I02)
7.8 min
mm
Measured from input terminals to output
terminals, shortest distance path along body
8-Lead SOIC_IC
L(I02)
8.1 min
mm
Measured from input terminals to output
terminals, shortest distance path along body
Minimum Internal Gap (Internal Clearance)
0.041 min
mm
Distance through insulation
Tracking Resistance (Comparative Tracking Index)
CTI
>600
V
DIN IEC 112/VDE 0303 Part 1
Isolation Group
I
Material Group (DIN VDE 0110, 1/89, Table I)
1 In accordance with IEC 60950-1 guidelines for the measurement of creepage and clearance distances for a pollution degree of 2 and altitudes ≤ 2000 m.
2 Consideration must be given to pad layout to ensure the minimum required distance for clearance is maintained.
REGULATORY INFORMATION (PENDING)
Table 5.
UL
CSA (Pending)
VDE
Recognized under 1577 Component
Recognition Program1
Approved under CSA Component Acceptance
Notice 5A
Certified according to DIN V VDE V 0884-102,
reinforced insulation, VIORM = 1270 VPEAK,
VIOSM = 8000 VPEAK
5700 V rms Isolation Voltage Single
Protection
Basic insulation per CSA 60950-1-07 and
IEC 60950-1, 16-lead SOIC_W: 780 V rms (1102 VPEAK),
8-lead SOIC_IC: 810 V rms (1145 VPEAK) maximum
working voltage3
Reinforced insulation per CSA 60950-1-07 and
IEC 60950-1, 16-lead SOIC_W: 390 V rms (551 VPEAK),
8-lead SOIC_IC: 405 V rms (572 VPEAK) maximum
working voltage3
Certified according to DIN V VDE V 0884-11
(pending), reinforced insulation, VIORM=
1060 VPEAK, VIOSM = 8000 VPEAK
Reinforced insulation per IEC 60601-1, 250 V rms
(353 VPEAK) maximum working voltage
1 In accordance with UL 1577, each ADuM7703 is proof tested by applying an insulation test voltage ≥ 6840 V rms for 1 sec (current leakage detection limit = 15 μA).
2 In accordance with DIN V VDE V 0884-10, each ADuM7703 is proof tested by applying an insulation test voltage ≥ 2344 VPEAK for 1 sec (partial discharge detection limit = 5 pC).
3 Rating is calculated for a pollution degree of 2 and a Material Group III. The ADuM7703 package material is rated by CSA to a CTI of >600 V and, therefore, Material Group I.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com