| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PIC18F4450-E/ML Datasheet(PDF) 14 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F4450-E/ML Datasheet(HTML) 14 Page - Microchip Technology |
|
14 / 320 page ![]() PIC18F2450/4450 DS39760A-page 12 Advance Information © 2006 Microchip Technology Inc. TABLE 1-2: PIC18F2450 PINOUT I/O DESCRIPTIONS Pin Name Pin Number Pin Type Buffer Type Description PDIP, SOIC QFN MCLR/Vpp/RE3 MCLR VPP RE3 1 26 I P I ST ST Master Clear (input) or programming voltage (input). Master Clear (Reset) input. This pin is an active-low Reset to the device. Programming voltage input. Digital input. OSC1/CLKI OSC1 CLKI 96 I I Analog Analog Oscillator crystal or external clock input. Oscillator crystal input or external clock source input. External clock source input. Always associated with pin function OSC1. (See OSC2/CLKO pin.) OSC2/CLKO/RA6 OSC2 CLKO RA6 10 7 O O I/O — — TTL Oscillator crystal or clock output. Oscillator crystal output. Connects to crystal or resonator in Crystal Oscillator mode. In select modes, OSC2 pin outputs CLKO which has 1/4 the frequency of OSC1 and denotes the instruction cycle rate. General purpose I/O pin. Legend: TTL = TTL compatible input CMOS = CMOS compatible input or output ST = Schmitt Trigger input with CMOS levels I = Input O = Output P = Power |