Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PIC18F1230-E/ML Datasheet(PDF) 3 Page - Microchip Technology

No. de pieza PIC18F1230-E/ML
Descripción Electrónicos  18/20/28-Pin, Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F1230-E/ML Datasheet(HTML) 3 Page - Microchip Technology

  PIC18F1230-E/ML Datasheet HTML 1Page - Microchip Technology PIC18F1230-E/ML Datasheet HTML 2Page - Microchip Technology PIC18F1230-E/ML Datasheet HTML 3Page - Microchip Technology PIC18F1230-E/ML Datasheet HTML 4Page - Microchip Technology PIC18F1230-E/ML Datasheet HTML 5Page - Microchip Technology PIC18F1230-E/ML Datasheet HTML 6Page - Microchip Technology PIC18F1230-E/ML Datasheet HTML 7Page - Microchip Technology PIC18F1230-E/ML Datasheet HTML 8Page - Microchip Technology PIC18F1230-E/ML Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 312 page
background image
© 2006 Microchip Technology Inc.
Advance Information
DS39758B-page 1
14-Bit Power Control PWM Module:
• Up to 6 PWM channel outputs
- Complementary or independent outputs
• Edge or center-aligned operation
• Flexible dead-band generator
• Hardware Fault protection input
• Simultaneous update of duty cycle and period:
- Flexible Special Event Trigger output
Flexible Oscillator Structure:
• Four Crystal modes, up to 40 MHz
• 4x Phase Lock Loop (PLL) – available for crystal
and internal oscillators
• Two External RC modes, up to 4 MHz
• Two External Clock modes, up to 40 MHz
• Internal oscillator block:
- 8 user-selectable frequencies from 31 kHz
to 8 MHz
- Provides a complete range of clock speeds from
31 kHz to 32 MHz when used with PLL
- User-tunable to compensate for frequency drift
• Secondary oscillator using Timer1 @ 32 kHz
• Fail-Safe Clock Monitor:
- Allows for safe shutdown if peripheral clock stops
Power-Managed Modes:
• Run: CPU on, peripherals on
• Idle: CPU off, peripherals on
• Sleep: CPU off, peripherals off
• Idle mode currents down to 5.8
μA, typical
• Sleep mode current down to 0.1
μA, typical
• Timer1 Oscillator: 1.8
μA, typical; 32 kHz; 2V
• Watchdog Timer (WDT): 2.1
μA, typical
• Two-Speed Oscillator Start-up
Peripheral Highlights:
• High-current sink/source 25 mA/25 mA
• Up to 4 programmable external interrupts
• Four input change interrupts
• Enhanced Addressable USART module:
- Supports RS-485, RS-232 and LIN 1.2
- RS-232 operation using internal oscillator
block (no external crystal required)
- Auto-wake-up on Start bit
- Auto-Baud Detect
• 10-bit, up to 4-channel Analog-to-Digital Converter
module (A/D):
- Auto-acquisition capability
- Conversion available during Sleep
• Up to 3 analog comparators
• Programmable reference voltage for comparators
• Programmable 15-level Low-Voltage Detection
(LVD) module:
- Supports interrupt on Low-Voltage Detection
Special Microcontroller Features:
• C compiler optimized architecture with optional
extended instruction set
• Flash memory retention: > 40 years
• Self-programmable under software control
• Priority levels for interrupts
• 8 x 8 Single-Cycle Hardware Multiplier
• Extended Watchdog Timer (WDT):
- Programmable period from 4 ms to 131s
• Programmable Code Protection
• Single-Supply In-Circuit Serial Programming™
(ICSP™) via two pins
• In-Circuit Debug (ICD) via two pins
• Wide operating voltage range (2.0V to 5.5V)
Device
Program Memory
Data Memory
I/O
10
-Bit
ADC
Channel
EUSART
Analog
Comparator
14-Bit
PWM (ch)
Timers
16-Bit
Flash
(bytes)
# Single-Word
Instructions
SRAM
(bytes)
EEPROM
(bytes)
PIC18F1230
4096
2048
256
128
13
4
Yes
3
6
2
PIC18F1330
8192
4096
256
128
13
4
Yes
3
6
2
18/20/28-Pin, Enhanced Flash Microcontrollers with
nanoWatt Technology, High-Performance PWM and A/D
PIC18F1230/1330