Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

8111605 Datasheet(PDF) 2 Page - Festo Corporation.

No. de pieza 8111605
Descripción Electrónicos  Angle seat valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FESTO [Festo Corporation.]
Página de inicio  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8111605 Datasheet(HTML) 2 Page - Festo Corporation.

  8111605 Datasheet HTML 1Page - Festo Corporation. 8111605 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Feature
Value
Seals material
FPM
Spindle seal material
PTFE
Seat seal material
PTFE
Product weight
1257 g
Actuator size
46 mm
Stroke
17 mm
Control function
Closed by spring force, NC
Position sensing
With mechanical indicator
Drive housing material
PA-reinforced
Storage temperature
-10 °C ... 60 °C
Degree of protection
IP65
IP67
Piston rod material
High-alloy stainless steel
Cover material
PA-reinforced
6/27/22 - Subject to change - Festo SE & Co. KG
2/2



Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com