Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

VDD241MNTA Datasheet(PDF) 12 Page - AnaSem Hong Kong Limited.

No. de pieza VDD241MNTA
Descripción Electrónicos  Low voltage, Low power, 짹1% High detect accuracy CMOS Voltage Detector with Delay circuit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ANASEM [AnaSem Hong Kong Limited.]
Página de inicio  http://anasemi.com/index.php
Logo ANASEM - AnaSem Hong Kong Limited.

VDD241MNTA Datasheet(HTML) 12 Page - AnaSem Hong Kong Limited.

Back Button VDD241MNTA Datasheet HTML 8Page - AnaSem Hong Kong Limited. VDD241MNTA Datasheet HTML 9Page - AnaSem Hong Kong Limited. VDD241MNTA Datasheet HTML 10Page - AnaSem Hong Kong Limited. VDD241MNTA Datasheet HTML 11Page - AnaSem Hong Kong Limited. VDD241MNTA Datasheet HTML 12Page - AnaSem Hong Kong Limited. VDD241MNTA Datasheet HTML 13Page - AnaSem Hong Kong Limited. VDD241MNTA Datasheet HTML 14Page - AnaSem Hong Kong Limited. VDD241MNTA Datasheet HTML 15Page - AnaSem Hong Kong Limited. VDD241MNTA Datasheet HTML 16Page - AnaSem Hong Kong Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
AnaSem
11
Rev. E13-01
VDD Series
Low voltage, Low power, ±1% High detect accuracy with delay circuit CMOS Voltage Detector
.......... Future of the analog world
www.anasemi.com
sales@anasemi.com
TYPICAL CHARACTERISTICS – N-ch Driver Output Current vs. VDS (continued)
VDD251SCTA (CMOS 2.5V)
Ta=25°C
2.5
1.0
0.5
0
VDS (V)
2.0
1.5
18.0
12.0
8.0
6.0
2.0
0
16.0
4.0
10.0
14.0
VIN=1.0V
VIN=1.5V
VIN=2.0V
VDD181SCTA (CMOS 1.8V)
Ta=25°C
2.0
0.8
0.6
0.4
0.2
0
VDS (V)
1.0
1.6
1.4
1.8
10.0
7.0
5.0
3.0
2.0
0
8.0
VIN=1.0V
9.0
6.0
4.0
1.0
1.2
VIN=1.5V
VDD351SCTA (CMOS 3.5V)
Ta=25°C
VDS (V)
40.0
20.0
15.0
10.0
5.0
0
25.0
3.0
2.0
1.5
1.0
0.5
0
2.5
VIN=2.5V
VIN=2.0V
VIN=1.0V
VIN=3.0V
30.0
35.0
VIN=1.5V
VDD451MCTA (CMOS 4.5V)
Ta=25°C
4.5
1.5
1.0
0.5
0
VDS (V)
2.0
3.0
2.5
3.5
60.0
40.0
20.0
30.0
0
10.0
50.0
VIN=4.0V
VIN=1.5V
VIN=2.0V
VIN=2.5V
VIN=3.5V
4.0
VIN=3.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com