| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
VLS3P063R2 Datasheet(PDF) 1 Page - Schneider Electric |
|
|
|||||||||||||||||||||||||||||
VLS3P063R2 Datasheet(HTML) 1 Page - Schneider Electric |
|
1 / 3 page ![]() Product data sheet Specifications Disconnect switch, TeSys VLS, body switch, 60A, 40HP at 480VAC, UL98, three phase, 50kA SCCR, size 2, DIN rail mount VLS3P063R2 Product availability : Stock - Normally stocked in distribution facility Price* : 103.04 USD Main Range TeSys Product Name TeSys VARIO LS Device Short Name VLS3P Product Type Switch body Complementary Device Composition Switch Handle Mounting Support Back DIN rail Mounting Method By clips back Performance Level High performance Number of Poles 3P Contact Type and Composition 3 NO Color Gray [Ue] UL Rated Operational Voltage 600 V AC 50/60 Hz UL 508 [Ue] IEC Rated Operational Voltage 690 V AC 50/60 Hz UL Maxium Horsepower Ratings 20 hp 200/208 V AC 20 hp 240 V AC 40 hp 480 V AC 40 hp 600 V AC 3 hp 120 V AC 7.5 hp 240 V AC IEC Rated Operational Power in W 30 kW 400 V AC-23A) 45 kW 500 V AC-23A) 45 kW 690 V AC-23A) [Ie] Rated Operational Current 60 A Ue: 600 V UL98 63 A AC-21A Ue: 400 V 63 A AC-21A Ue: 500 V 63 A AC-21A Ue: 690 V 63 A AC-22A Ue: 400 V 63 A AC-22A Ue: 500 V 63 A AC-22A Ue: 690 V 63 A AC-23A Ue: 400 V 63 A AC-23A Ue: 500 V 47 A AC-23A Ue: 690 V * Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price. Jun 27, 2022 1 |
Número de pieza similar - VLS3P063R2 |
|
Descripción similar - VLS3P063R2 |