| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
INA350CDSIDDFR Datasheet(PDF) 6 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
INA350CDSIDDFR Datasheet(HTML) 6 Page - Texas Instruments |
|
6 / 45 page ![]() 7 Specifications 7.1 Absolute Maximum Ratings over operating free-air temperature range (unless otherwise noted)(1) MIN MAX UNIT Supply voltage, VS = (V+) – (V–) 0 6 V Signal input pins Common mode voltage(2) (V–) – 0.5 (V+) + 0.5 V Differential voltage(3) VS + 0.2 V Current(2) –10 10 mA Output short-circuit(4) Continuous Operating Temperature, TA –55 150 °C Junction Temperature, TJ 150 Storage Temperature, Tstg –65 150 (1) Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) Input pins are diode-clamped to the power-supply rails. Input signals that may swing more than 0.5 V beyond the supply rails must be current limited to 10 mA or less (3) Differential input voltages greater than 0.5 V applied continuously can result in a shift to the input offset voltage above the maximum specification of this parameter. The magnitude of this effect increases as the ambient operating temperature rises. (4) Short-circuit to VS / 2. 7.2 ESD Ratings VALUE UNIT V(ESD) Electrostatic discharge Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1) ±2000 V Charged-device model (CDM), per JEDEC specification JESD22-C101(2) ±1000 (1) JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. (2) JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. 7.3 Recommended Operating Conditions over operating free-air temperature range (unless otherwise noted) MIN MAX UNIT Supply voltage VS = (V+) – (V–) Single-supply 1.8 5.5 V Dual-supply ±0.9 ±2.75 Input Voltage Range (V–) (V+) V Specified temperature Specified temperature –40 125 °C 7.4 Thermal Information THERMAL METRIC(1) INA350ABS, INA350CDS UNIT DDF (SOT-23- THN) DSG (WSON) RUG (X2QFN) 8 PINS 8 PINS 10 PINS RθJA Junction-to-ambient thermal resistance 169.1 89.2 TBD °C/W RθJC(top) Junction-to-case (top) thermal resistance 101.7 111.8 TBD °C/W RθJB Junction-to-board thermal resistance 84.8 55.8 TBD °C/W ψJT Junction-to-top characterization parameter 12.6 9.3 TBD °C/W ψJB Junction-to-board characterization parameter 84.3 55.7 TBD °C/W RθJC(bot) Junction-to-case (bottom) thermal resistance n/a 31.0 TBD °C/W (1) For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application report. INA350 SBOSAA0B – NOVEMBER 2021 – REVISED APRIL 2022 www.ti.com 6 Submit Document Feedback Copyright © 2022 Texas Instruments Incorporated Product Folder Links: INA350 |