| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MPC5606BAMLL4R Datasheet(PDF) 5 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC5606BAMLL4R Datasheet(HTML) 5 Page - NXP Semiconductors |
|
5 / 114 page ![]() Block diagram MPC5607B Microcontroller Data Sheet, Rev. 10 NXP Semiconductors 5 Figure 1. MPC5607B block diagram Table 2 summarizes the functions of the blocks present on the MPC5607B. 6 × DSPI FMPLL Nexus 2+ Nexus SRAM SIUL Reset Control 96 KB External IMUX GPIO & JTAG Pad Control JTAG Port Nexus Port e200z0h Interrupt requests 6 × FlexCAN Peripheral Bridge Interrupt Request Interrupt Request I/O Clocks Instructions Data Voltage Regulator NMI SWT PIT STM NMI SIUL . . . INTC I2C . . . 10 × LINFlex 64 ch 29 ch 10-bit CMU SRAM Flash Code Flash 1.5 MB Data Flash 64 KB MC_PCU MC_ME MC_CGM MC_RGM BAM CTU RTC SSCM (Master) (Master) (Slave) (Slave) (Slave) Controller Controller Legend: ADC Analog-to-Digital Converter BAM Boot Assist Module CMU Clock Monitor Unit CTU Cross Triggering Unit DSPI Deserial Serial Peripheral Interface ECSM Error Correction Status Module eDMA Enhanced Direct Memory Access eMIOS Enhanced Modular Input Output System Flash Flash memory FlexCAN Controller Area Network FMPLL Frequency-Modulated Phase-Locked Loop GPIO General-purpose input/output I2C Inter-Integrated Circuit bus IMUX Internal Multiplexer INTC Interrupt Controller JTAG JTAG controller LINFlex Serial Communication Interface (LIN support) MC_CGM Clock Generation Module MC_ME Mode Entry Module MC_PCU Power Control Unit MC_RGM Reset Generation Module MPU Memory Protection Unit NMI Non-Maskable Interrupt PIT Periodic Interrupt Timer RTC Real-Time Clock SIUL System Integration Unit Lite SRAM Static Random-Access Memory SSCM System Status Configuration Module STM System Timer Module SWT Software Watchdog Timer VREG Voltage regulator WKPU Wakeup Unit XBAR Crossbar switch MPU ECSM from peripheral Registers blocks ADC eMIOS 19 ch 10-bit/12-bit ADC (Master) . . . . . . . . . WKPU 5 ch 12-bit ADC eDMA Interrupt request with wakeup functionality |