| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SPC5643LFF2MLL6 Datasheet(PDF) 46 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SPC5643LFF2MLL6 Datasheet(HTML) 46 Page - NXP Semiconductors |
|
46 / 136 page ![]() MPC5643L Microcontroller Data Sheet, Rev. 10 Package pinouts and signal descriptions NXP Semiconductors 46 K17 A[3] SIUL GPIO[3] GPIO[3] eTimer_0 ETC[3] ETC[3] DSPI_2 CS0 CS0 FlexPWM_0 B[3] B[3] MC_RGM — ABS[2] SIUL — EIRQ[3] L1 F[10] SIUL GPIO[90] GPIO[90] NPC EVTO — L2 F[11] SIUL GPIO[91] GPIO[91] NPC — EVTI L3 D[9] SIUL GPIO[57] GPIO[57] FlexPWM_0 X[0] X[0] LINFlexD_1 TXD — L4 Not connected — L6 VDD_LV — L7 VSS_LV — L8 VSS_LV — L9 VSS_LV — L10 VSS_LV — L11 VSS_LV — L12 VDD_LV — L14 Not connected — L15 TCK — L16 H[4] SIUL GPIO[116] GPIO[116] FlexPWM_1 X[0] X[0] eTimer_2 ETC[0] ETC[0] L17 B[4] SIUL GPIO[20] GPIO[20] JTAGC TDO — M1 VDD_HV_OSC — M2 VDD_HV_IO_RING — M3 D[8] SIUL GPIO[56] GPIO[56] DSPI_1 CS2 — eTimer_1 ETC[4] ETC[4] DSPI_0 CS5 — FlexPWM_0 — FAULT[3] Table 4. 257 MAPBGA pin function summary (continued) Pin # Port/function Peripheral Output function Input function |