Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SPC5643LFAMMM1 Datasheet(PDF) 89 Page - NXP Semiconductors

No. de pieza SPC5643LFAMMM1
Descripción Electrónicos  MPC5643L Microcontroller Data Sheet
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

SPC5643LFAMMM1 Datasheet(HTML) 89 Page - NXP Semiconductors

Back Button SPC5643LFAMMM1 Datasheet HTML 85Page - NXP Semiconductors SPC5643LFAMMM1 Datasheet HTML 86Page - NXP Semiconductors SPC5643LFAMMM1 Datasheet HTML 87Page - NXP Semiconductors SPC5643LFAMMM1 Datasheet HTML 88Page - NXP Semiconductors SPC5643LFAMMM1 Datasheet HTML 89Page - NXP Semiconductors SPC5643LFAMMM1 Datasheet HTML 90Page - NXP Semiconductors SPC5643LFAMMM1 Datasheet HTML 91Page - NXP Semiconductors SPC5643LFAMMM1 Datasheet HTML 92Page - NXP Semiconductors SPC5643LFAMMM1 Datasheet HTML 93Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 136 page
background image
Electrical characteristics
MPC5643L Microcontroller Data Sheet, Rev. 10
NXP Semiconductors
89
IDD_LV_TYP +
IDD_LV_PLL
2
T Operating current
1.2V supplies
Tj=105
°C
VDD_LV_COR = 1.2V
DPM Mode
—
—
189
mA
1.2V supplies
Tj=125
°C
VDD_LV_COR = 1.2V
DPM Mode
—
—
214
mA
1.2V supplies
Tj=150
°C
VDD_LV_COR = 1.2V
DPM Mode
—
—
235
mA
IDD_LV_STOP
T Operating current in
VDD STOP mode
TJ =25 °C
VDD_LV_COR =1.32V
——
20
mA
TTJ =55 °C
VDD_LV_COR =1.32V
——
57
PTJ = 150 °C
VDD_LV_COR =1.32V
—
—
105
IDD_LV_HALT
T Operating current in
VDD HALT mode
TJ =25 °C
VDD_LV_COR =1.32V
——
25
mA
TTJ =55 °C
VDD_LV_COR =1.32V
——
64
PTJ = 150 °C
VDD_LV_COR =1.32V
—
—
115
IDD_HV_ADC
3,4
T Operating current
TJ = 150 °C
120 MHz
ADC operating at 60 MHz
VDD_HV_ADC =3.6 V
——
10
mA
IDD_HV_AREF
4
T Operating current
TJ = 150 °C
120 MHz
ADC operating at 60 MHz
VDD_HV_REF =3.6 V
——
3
mA
TJ = 150 °C
120 MHz
ADC operating at 60 MHz
VDD_HV_REF =5.5 V
——
5
Table 20. Current consumption characteristics (continued)
Symbol
Parameter
Conditions1
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com