| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MPC5643L Datasheet(PDF) 26 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC5643L Datasheet(HTML) 26 Page - NXP Semiconductors |
|
26 / 136 page ![]() MPC5643L Microcontroller Data Sheet, Rev. 10 Package pinouts and signal descriptions NXP Semiconductors 26 14 A[5] SIUL GPIO[5] GPIO[5] DSPI_1 CS0 CS0 eTimer_1 ETC[5] ETC[5] DSPI_0 CS7 — SIUL — EIRQ[5] 15 C[7] SIUL GPIO[39] GPIO[39] FlexPWM_0 A[1] A[1] SSCM DEBUG[7] — DSPI_0 — SIN 16 VDD_HV_REG_0 — 17 VSS_LV_COR — 18 VDD_LV_COR — 19 F[7] SIUL GPIO[87] GPIO[87] NPC MCKO — 20 F[8] SIUL GPIO[88] GPIO[88] NPC MSEO[1] — 21 VDD_HV_IO — 22 VSS_HV_IO — 23 F[9] SIUL GPIO[89] GPIO[89] NPC MSEO[0] — 24 F[10] SIUL GPIO[90] GPIO[90] NPC EVTO — 25 F[11] SIUL GPIO[91] GPIO[91] NPC — EVTI 26 D[9] SIUL GPIO[57] GPIO[57] FlexPWM_0 X[0] X[0] LINFlexD_1 TXD — 27 VDD_HV_OSC — 28 VSS_HV_OSC — 29 XTAL — 30 EXTAL — 31 RESET — Table 3. 144 LQFP pin function summary (continued) Pin # Port/function Peripheral Output function Input function |