Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MA2D601 Datasheet(PDF) 1 Page - Panasonic Semiconductor

No. de pieza MA2D601
Descripción Electrónicos  Fast Recovery Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANASONIC [Panasonic Semiconductor]
Página de inicio  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA2D601 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  MA2D601 Datasheet HTML 1Page - Panasonic Semiconductor MA2D601 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Fast Recovery Diodes (FRD)
MA2D601
Silicon planar type
For high-frequency rectification
For Snubber circuit of power supplies
For secondary side rectification for a power supply
I Features
• High reverse voltage V
R > 600 V
• Short reverse recovery time t
rr < 50nsec
• TO-220D (Full-pack package) with high dielectric breakdown
voltage
> 5.0 kV
I Absolute Maximum Ratings T
a = 25°C
Parameter
Symbol
Rating
Unit
Repetitive peak reverse voltage
VRRM
600
V
Non-repetitive peak reverse
VRSM
600
V
surge voltage
Average forward current
IF(AV)
5.0
A
Non-repetitive peak forward
IFSM
50
A
surge current*
Junction temperature
Tj
−40 to +150
°C
Storage temperature
Tstg
−40 to +150
°C
Unit : mm
1 : Cathode
2 : Anode
TO-220D Package (2-pin)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Repetitive peak reverse current
IRRM1
VRRM = 600 V, TC = 25°C
100
µA
IRRM2
VRRM = 600 V, Tj = 150
°C
500
µA
Forward voltage (DC)
VF
IF = 5.0 A, TC = 25
°C
1.5
V
Reverse recovery time*
trr
IF = 1 A, IR = 1 A
50
ns
Thermal resistance
Rth(j-c)
3.0
°C/W
Rth(j-a)
63
°C/W
I Electrical Characteristics T
a = 25°C ± 3°C
Note) 1. Rated input/output frequency: 10 MHz
2. Tightening torque-max. 8 kg
× cm
3. * : trr measuring circuit
D.U.T
t
rr
0.1
× I
R
I
F
I
R
50
5.5
50
1
9.9
± 0.3
4.6
± 0.2
2.9
± 0.2
0.8
± 0.1
1.4
± 0.2
2
φ 3.2 ± 0.1
2.6
± 0.1
0.55
± 0.15
2.54
± 0.3
5.08
± 0.5
Note) * : The peak-to-peak value in one cycle of 50 Hz sine-wave
(non-repetitive)


Número de pieza similar - MA2D601

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Panasonic Semiconductor
MA2D749 PANASONIC-MA2D749 Datasheet
37Kb / 2P
Schottky Barrier Diodes
MA2D750 PANASONIC-MA2D750 Datasheet
62Kb / 3P
For switching mode power supply
MA2D755 PANASONIC-MA2D755 Datasheet
37Kb / 2P
Schottky Barrier Diodes
MA2D760 PANASONIC-MA2D760 Datasheet
37Kb / 2P
Schottky Barrier Diodes (SBD)
More results

Descripción similar - MA2D601

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanken electric
CTU-34S SANKEN-CTU-34S Datasheet
324Kb / 5P
Fast Recovery Diodes
logo
Rohm
RF601B2D ROHM-RF601B2D Datasheet
178Kb / 4P
Fast recovery diodes
logo
International Rectifier
IRKL240 IRF-IRKL240_06 Datasheet
222Kb / 11P
FAST RECOVERY DIODES
logo
AEGIS SEMICONDUTORES LT...
A1C:15S.02.02 AEGIS-A1C:15S.02.02 Datasheet
998Kb / 4P
Fast Recovery Diodes
A1C:70S.02.02 AEGIS-A1C:70S.02.02 Datasheet
803Kb / 4P
Fast Recovery Diodes
A1C:70S.02.10 AEGIS-A1C:70S.02.10 Datasheet
990Kb / 4P
Fast Recovery Diodes
logo
Guangdong Kexin Industr...
RS1AFH KEXIN-RS1AFH Datasheet
1Mb / 4P
Fast Recovery diodes
logo
Nell Semiconductor Co.,...
40FDR NELLSEMI-40FDR Datasheet
617Kb / 6P
Fast Recovery Diodes
85FDR NELLSEMI-85FDR Datasheet
647Kb / 6P
Fast Recovery Diodes
logo
Shenzhen Luguang Electr...
ZK200A LUGUANG-ZK200A Datasheet
2Mb / 1P
FAST RECOVERY DIODES
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com