| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MPC8358ECVRAGDDA Datasheet(PDF) 26 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC8358ECVRAGDDA Datasheet(HTML) 26 Page - NXP Semiconductors |
|
26 / 95 page ![]() MPC8358E PowerQUICC II Pro Processor Revision 2.1 PBGA Silicon Hardware Specifications, Rev. 3 26 Freescale Semiconductor UCC Ethernet Controller: Three-Speed Ethernet, MII Management 8.1 Three-Speed Ethernet Controller (10/100/1000 Mbps)— GMII/MII/RMII/TBI/RGMII/RTBI Electrical Characteristics The electrical characteristics specified here apply to all GMII (gigabit media independent interface), MII (media independent interface), RMII (reduced media independent interface), TBI (ten-bit interface), RGMII (reduced gigabit media independent interface), and RTBI (reduced ten-bit interface) signals except MDIO (management data input/output) and MDC (management data clock). The MII, RMII, GMII, and TBI interfaces are only defined for 3.3 V, while the RGMII and RTBI interfaces are only defined for 2.5 V. The RGMII and RTBI interfaces follow the Hewlett-Packard reduced pin-count interface for Gigabit Ethernet Physical Layer Device Specification Version 1.2a (9/22/2000). The electrical characteristics for the MDIO and MDC are specified in Section 8.3, “Ethernet Management Interface Electrical Characteristics.” 8.1.1 10/100/1000 Ethernet DC Electrical Characteristics The electrical characteristics specified here apply to media independent interface (MII), reduced gigabit media independent interface (RGMII), reduced ten-bit interface (RTBI), reduced media independent interface (RMII) signals, management data input/output (MDIO) and management data clock (MDC). The MII and RMII interfaces are defined for 3.3 V, while the RGMII and RTBI interfaces can be operated at 2.5 V. The RGMII and RTBI interfaces follow the Reduced Gigabit Media-Independent Interface (RGMII) Specification Version 1.3. The RMII interface follows the RMII Consortium RMII Specification Version 1.2. Table 24. RGMII/RTBI, GMII, TBI, MII, and RMII DC Electrical Characteristics (when operating at 3.3 V) Parameter Symbol Conditions Min Max Unit Notes Supply voltage 3.3 V LVDD — 2.97 3.63 V 1 Output high voltage VOH IOH = –4.0 mA LVDD = Min 2.40 LVDD + 0.3 V — Output low voltage VOL IOL = 4.0 mA LVDD = Min GND 0.50 V — Input high voltage VIH —— 2.0 LVDD + 0.3 V — Input low voltage VIL — — –0.3 0.90 V — Input current IIN 0 V ≤ VIN ≤ LVDD —±10 μA— Note: 1. GMII/MII pins that are not needed for RGMII, RMII, or RTBI operation are powered by the OVDD supply. |