Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MPC8308CVMADDA Datasheet(PDF) 69 Page - NXP Semiconductors

No. de pieza MPC8308CVMADDA
Descripción Electrónicos  MPC8308 PowerQUICC II Pro Processor Hardware Specification
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8308CVMADDA Datasheet(HTML) 69 Page - NXP Semiconductors

Back Button MPC8308CVMADDA Datasheet HTML 65Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 66Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 67Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 68Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 69Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 70Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 71Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 72Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 73Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 95 page
background image
MPC8308 PowerQUICC II Pro Processor Hardware Specification, Rev. 4
Freescale Semiconductor
69
Package and Pin Listings
USBDR_PCTL1
U20
O
NVDDH
—
USBDR_STP
V21
O
NVDDH
—
TSEC_TMR_CLK/ GPIO[8]
W23
I
NVDDH
—
GTM1_TOUT3/ GPIO[9]
T18
O
NVDDH
—
GTM1_TOUT4/ GPIO[10]
V20
O
NVDDH
—
TSEC_TMR_TRIG1/
GPIO[11]
W21
I
NVDDH
—
TSEC_TMR_TRIG2/
GPIO[12]
Y21
I
NVDDH
—
TSEC_TMR_GCLK
L17
O
NVDDG
—
TSEC_TMR_PP1
L18
O
NVDDG
—
TSEC_TMR_PP2
L21
O
NVDDG
—
TSEC_TMR_PP3/ GPIO[13]
L22
O
NVDDG
—
TSEC_TMR_ALARM1
L23
O
NVDDG
—
TSEC_TMR_ALARM2/
GPIO[14]
M23
O
NVDDG
—
GPIO[7]
M22
IO
—
10
TSEC2_CRS/ GPIO[0]
M21
IO
NVDDG
—
GPIO[1]
M18
IO
NVDDG
—
GPIO[2]
M20
IO
NVDDG
—
GPIO[3]
N23
IO
NVDDG
—
GPIO[4]
N21
IO
NVDDG
—
GTM1_TGATE3
N20
I
NVDDG
—
GTM1_TIN4
N18
I
NVDDG
—
GTM1_TGATE4/ GPIO[15]
P23
I
NVDDG
—
GTM1_TIN3
P22
I
NVDDG
—
GPIO[5]
N17
IO
NVDDH
10
GPIO[6]
P21
IO
NVDDH
10
Power and Ground Supplies
AVDD1
R6
I
—
—
AVDD2
V10
I—
—
NC, No Connection
B11, B16, D16
——
—
VDD
Y23, H8, H9, H10, H14, H15, H16, J8, J16, K8, K16, L8, L16, M8,
M16, N8, N16, P8, P16, R8, R16, T8, T9, T10, T11, T12, T13, T14,
T15, T16
I—
—
Table 53. MPC8308 Pinout Listing (continued)
Signal
Package Pin Number
Pin
Type
Power
Supply
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95