Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADUC7023BCBZ62I-R7 Datasheet(PDF) 45 Page - Analog Devices

No. de pieza ADUC7023BCBZ62I-R7
Descripción Electrónicos  Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU with Enhanced IRQ Handler
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADUC7023BCBZ62I-R7 Datasheet(HTML) 45 Page - Analog Devices

Back Button ADUC7023BCBZ62I-R7 Datasheet HTML 41Page - Analog Devices ADUC7023BCBZ62I-R7 Datasheet HTML 42Page - Analog Devices ADUC7023BCBZ62I-R7 Datasheet HTML 43Page - Analog Devices ADUC7023BCBZ62I-R7 Datasheet HTML 44Page - Analog Devices ADUC7023BCBZ62I-R7 Datasheet HTML 45Page - Analog Devices ADUC7023BCBZ62I-R7 Datasheet HTML 46Page - Analog Devices ADUC7023BCBZ62I-R7 Datasheet HTML 47Page - Analog Devices ADUC7023BCBZ62I-R7 Datasheet HTML 48Page - Analog Devices ADUC7023BCBZ62I-R7 Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 98 page
background image
Data Sheet
ADuC7023
Rev. H | Page 45 of 98
Table 38. RSTCFG MMR Bit Designations
Bit
Description
7 to 3
Reserved. Always set to 0.
2
This bit is set to 1 to configure the DAC outputs to retain
their state after a watchdog or software reset.
This bit is cleared for the DAC pins and registers to
return to their default state.
1
Reserved. Always set to 0.
0
This bit is set to 1 to configure the GPIO pins to retain
their state after a watchdog or software reset.
This bit is cleared for the GPIO pins and registers to
return to their default state.
RSTKEY1 Register
Name:
RSTKEY1
Address:
0xFFFF0248
Default value:
0xXX
Access
Write
RSTKEY2Register
Name:
RSTKEY2
Address:
0xFFFF0250
Default value:
0xXX
Access:
Write
Table 39. RSTCFG Write Sequence
Name
Code
RSTKEY1
0x76
RSTCFG
User value
RSTKEY2
0xB1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98