| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MCP79512-I/MS Datasheet(PDF) 1 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP79512-I/MS Datasheet(HTML) 1 Page - Microchip Technology |
|
1 / 58 page ![]() 2012-2022 Microchip Technology Inc. and its subsidiaries DS20002300D-page 1 MCP7951X/MCP7952X Timekeeping Features • Real-Time Clock/Calendar (RTCC): - Hours, minutes, seconds, hundredth of seconds, day of week, date, month, year - Leap year compensated to 2399 - 12/24-hour modes • Oscillator for 32.768 kHz Crystals: - Optimized for 6-9 pF crystals • On-Chip Digital Trimming/Calibration: - ±1 ppm resolution - ±259 ppm range • Dual Programmable Alarms • Clock Output Function with Selectable Frequency • Power-Fail Timestamp: - Time logged on switchover to and from Battery mode Low-Power Features • Wide Voltage Range: - Operating voltage range of 1.8V to 3.6V - Backup voltage range of 1.3V to 3.6V • Low Typical Timekeeping Current: - Operating from VCC: 1.2 µA at 3.0V - Operating from VBAT: 1.0 µA at 3.0V • Automatic Switchover to Battery Backup User Memory • 64-Byte Battery-Backed SRAM • 1 Kbit or 2 Kbit EEPROM: - Software write-protect - Page write up to 8 bytes - Endurance: one million erase/write cycles • 128-Bit Protected EEPROM Area: - Robust write unlock sequence - EUI-48™ MAC address (MCP795X1) - EUI-64™ MAC address (MCP795X2) Operating Ranges • SPI Serial Interface: - SPI clock rate up to 5 MHz • Temperature Range: - Industrial (I): -40°C to +85°C • Automotive AEC-Q100 Qualified Packages • 10-Lead MSOP • 10-Lead TDFN Package Types (not to scale) Device Selection Table Part Number SRAM (Bytes) EEPROM (Kbits) Unique ID MCP79510 64 1 Blank MCP79520 64 2 Blank MCP79511 64 1 EUI-48™ MCP79521 64 2 EUI-48™ MCP79512 64 1 EUI-64™ MCP79522 64 2 EUI-64™ Note: MCP795XX is used in this document as a generic part number for the MCP7951X and MCP7952X devices. SCK MFP VCC X1 MSOP/TDFN 1 2 3 4 5 10 9 8 7 6 SO CS VSS SI VBAT X2 Battery-Backed SPI Real-Time Clock/Calendar |
Número de pieza similar - MCP79512-I/MS |
|
Descripción similar - MCP79512-I/MS |