Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

VP0106 Datasheet(PDF) 6 Page - Microchip Technology

No. de pieza VP0106
Descripción Electrónicos  P-Channel Enhancement-Mode Vertical DMOS FET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VP0106 Datasheet(HTML) 6 Page - Microchip Technology

Back Button VP0106 Datasheet HTML 2Page - Microchip Technology VP0106 Datasheet HTML 3Page - Microchip Technology VP0106 Datasheet HTML 4Page - Microchip Technology VP0106 Datasheet HTML 5Page - Microchip Technology VP0106 Datasheet HTML 6Page - Microchip Technology VP0106 Datasheet HTML 7Page - Microchip Technology VP0106 Datasheet HTML 8Page - Microchip Technology VP0106 Datasheet HTML 9Page - Microchip Technology VP0106 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
VP0106
DS20006658A-page 6
2022 Microchip Technology Inc. and its subsidiaries
3.0
PIN DESCRIPTION
The details on the pins of VP0106 are listed in
Table 3-1. Refer to
Package Type for the location of
pins.
TABLE 3-1:
PIN FUNCTION TABLE
Pin Number
Pin Name
Description
1
Source
Source
2
Gate
Gate
3
Drain
Drain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14