Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MDT10P721 Datasheet(PDF) 21 Page - Micon Design Technology Corporation

No. de pieza MDT10P721
Descripción Electrónicos  8-bit micro-controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MDTIC [Micon Design Technology Corporation]
Página de inicio  http://www.mdtic.com.tw
Logo MDTIC - Micon Design Technology Corporation

MDT10P721 Datasheet(HTML) 21 Page - Micon Design Technology Corporation

Back Button MDT10P721 Datasheet HTML 13Page - Micon Design Technology Corporation MDT10P721 Datasheet HTML 14Page - Micon Design Technology Corporation MDT10P721 Datasheet HTML 15Page - Micon Design Technology Corporation MDT10P721 Datasheet HTML 16Page - Micon Design Technology Corporation MDT10P721 Datasheet HTML 17Page - Micon Design Technology Corporation MDT10P721 Datasheet HTML 18Page - Micon Design Technology Corporation MDT10P721 Datasheet HTML 19Page - Micon Design Technology Corporation MDT10P721 Datasheet HTML 20Page - Micon Design Technology Corporation MDT10P721 Datasheet HTML 21Page - Micon Design Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
MDT10P721
This specification are subject to be changed without notice. Any latest information
please preview http;//www.mdtic.com.tw
P. 21
2005/6 Ver. 2.0
10.Block Diagram
S ta ck 8 Le ve ls
P ro g ra m C o u n te rs
O s cilla to r Circu it
P o we r o n R e s e t
P o we r Do w n Re s e t
C o u n te r / Tim e r0
E P R O M
4 Kx 1 4 (MD T1 0 P 7 2 1 )
In s tru ctio n
Re g is te r
In s tru ctio n
De co d e r
W o rkin g R e g is te r
ALU
S e ria l P o rt
(S CM)
RAM
1 9 2 X8
S p e c ia l Re g is te r
Co n tro l C ircu it
S ta tu s R e g is te r
W DT/O S T
Tim e r
P o rt A
P o rt B
O S C1
O S C2 MC LR
D a ta 8 -b it
1 4 b its
P ortA
P A0 ~P A5
6 b its
D0 ~ D7
P o rtC
P o rtC
P C0 ~P C 7
8 bits
P ortB
P B0 ~P B7
8 b its
A/D 8 b it
Tim e r1 / Tim e r2
(C CP 1 )
P o we r R a ng e Detecto r
1 2 b its
1 2 b its



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21