Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NFAQ1060L33T Datasheet(PDF) 7 Page - ON Semiconductor

No. de pieza NFAQ1060L33T
Descripción Electrónicos  Intelligent Power Module (IPM) 600 V, 10 A
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NFAQ1060L33T Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NFAQ1060L33T Datasheet HTML 3Page - ON Semiconductor NFAQ1060L33T Datasheet HTML 4Page - ON Semiconductor NFAQ1060L33T Datasheet HTML 5Page - ON Semiconductor NFAQ1060L33T Datasheet HTML 6Page - ON Semiconductor NFAQ1060L33T Datasheet HTML 7Page - ON Semiconductor NFAQ1060L33T Datasheet HTML 8Page - ON Semiconductor NFAQ1060L33T Datasheet HTML 9Page - ON Semiconductor NFAQ1060L33T Datasheet HTML 10Page - ON Semiconductor NFAQ1060L33T Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
NFAQ1060L33T
www.onsemi.com
7
TYPICAL CHARACTERISTICS
Figure 4. VCE versus IC for Different Temperatures
(VDD = 15 V)
Figure 5. VF versus IF for Different Temperatures
Figure 6. EON versus IC for Different Temperatures
Figure 7. EOFF versus IC for Different Temperatures
Figure 8. Thermal Impedance Plot (IGBT)
Figure 9. Thermal Impedance Plot (FRD)
Figure 10. Turn−on Waveform Tj = 1005C, VCC = 300 V
Figure 11. Turn−off Waveform Tj = 1005C, VCC = 300 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com