Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MPC5602CAMLL6R Datasheet(PDF) 22 Page - NXP Semiconductors

No. de pieza MPC5602CAMLL6R
Descripción Electrónicos  Single issue, 32-bit CPU core complex (e200z0)
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5602CAMLL6R Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button MPC5602CAMLL6R Datasheet HTML 18Page - NXP Semiconductors MPC5602CAMLL6R Datasheet HTML 19Page - NXP Semiconductors MPC5602CAMLL6R Datasheet HTML 20Page - NXP Semiconductors MPC5602CAMLL6R Datasheet HTML 21Page - NXP Semiconductors MPC5602CAMLL6R Datasheet HTML 22Page - NXP Semiconductors MPC5602CAMLL6R Datasheet HTML 23Page - NXP Semiconductors MPC5602CAMLL6R Datasheet HTML 24Page - NXP Semiconductors MPC5602CAMLL6R Datasheet HTML 25Page - NXP Semiconductors MPC5602CAMLL6R Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 109 page
background image
MPC5604B/C Microcontroller Data Sheet, Rev. 15
Package pinouts and signal descriptions
NXP Semiconductors
22
PD[15]
PCR[63]
AF0
AF1
AF2
AF3
—
GPIO[63]
CS2_1
E0UC[27]
—
ANS[7]
SIUL
DSPI_1
eMIOS_0
—
ADC
I/O
O
I/O
—
I
J
Tristate
—
—
66
88
L14
PE[0]
PCR[64]
AF0
AF1
AF2
AF3
—
—
GPIO[64]
E0UC[16]
—
—
CAN5RX11
WKPU[6]4
SIUL
eMIOS_0
—
—
FlexCAN_5
WKPU
I/O
I/O
—
—
I
I
STristate
—
—
6
10
F1
PE[1]
PCR[65]
AF0
AF1
AF2
AF3
GPIO[65]
E0UC[17]
CAN5TX11
—
SIUL
eMIOS_0
FlexCAN_5
—
I/O
I/O
O
—
MTristate
—
—
8
12
F4
PE[2]
PCR[66]
AF0
AF1
AF2
AF3
—
GPIO[66]
E0UC[18]
—
—
SIN_1
SIUL
eMIOS_0
—
—
DSPI_1
I/O
I/O
—
—
I
M
Tristate
—
—
89
128
D7
PE[3]
PCR[67]
AF0
AF1
AF2
AF3
GPIO[67]
E0UC[19]
SOUT_1
—
SIUL
eMIOS_0
DSPI_1
—
I/O
I/O
O
—
M
Tristate
—
—
90
129
C7
PE[4]
PCR[68]
AF0
AF1
AF2
AF3
—
GPIO[68]
E0UC[20]
SCK_1
—
EIRQ[9]
SIUL
eMIOS_0
DSPI_1
—
SIUL
I/O
I/O
I/O
—
I
M
Tristate
—
—
93
132
D6
PE[5]
PCR[69]
AF0
AF1
AF2
AF3
GPIO[69]
E0UC[21]
CS0_1
MA[2]
SIUL
eMIOS_0
DSPI_1
ADC
I/O
I/O
I/O
O
M
Tristate
—
—
94
133
C6
PE[6]
PCR[70]
AF0
AF1
AF2
AF3
GPIO[70]
E0UC[22]
CS3_0
MA[1]
SIUL
eMIOS_0
DSPI_0
ADC
I/O
I/O
O
O
M
Tristate
—
—
95
139
B5
PE[7]
PCR[71]
AF0
AF1
AF2
AF3
GPIO[71]
E0UC[23]
CS2_0
MA[0]
SIUL
eMIOS_0
DSPI_0
ADC
I/O
I/O
O
O
M
Tristate
—
—
96
140
C4
Table 5. Functional port pin descriptions (continued)
Pin number