Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MPC5602CAMLL4R Datasheet(PDF) 16 Page - NXP Semiconductors

No. de pieza MPC5602CAMLL4R
Descripción Electrónicos  Single issue, 32-bit CPU core complex (e200z0)
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5602CAMLL4R Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button MPC5602CAMLL4R Datasheet HTML 12Page - NXP Semiconductors MPC5602CAMLL4R Datasheet HTML 13Page - NXP Semiconductors MPC5602CAMLL4R Datasheet HTML 14Page - NXP Semiconductors MPC5602CAMLL4R Datasheet HTML 15Page - NXP Semiconductors MPC5602CAMLL4R Datasheet HTML 16Page - NXP Semiconductors MPC5602CAMLL4R Datasheet HTML 17Page - NXP Semiconductors MPC5602CAMLL4R Datasheet HTML 18Page - NXP Semiconductors MPC5602CAMLL4R Datasheet HTML 19Page - NXP Semiconductors MPC5602CAMLL4R Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 109 page
background image
MPC5604B/C Microcontroller Data Sheet, Rev. 15
Package pinouts and signal descriptions
NXP Semiconductors
16
PB[0]
PCR[16]
AF0
AF1
AF2
AF3
GPIO[16]
CAN0TX
—
—
SIUL
FlexCAN_0
—
—
I/O
O
—
—
M
Tristate
14142331
N3
PB[1]
PCR[17]
AF0
AF1
AF2
AF3
—
—
GPIO[17]
—
—
—
WKPU[4]4
CAN0RX
SIUL
—
—
—
WKPU
FlexCAN_0
I/O
—
—
—
I
I
S
Tristate
15152432
N1
PB[2]
PCR[18]
AF0
AF1
AF2
AF3
GPIO[18]
LIN0TX
SDA
—
SIUL
LINFlex_0
I2C_0
—
I/O
O
I/O
—
M
Tristate
64
64
100 144
B2
PB[3]
PCR[19]
AF0
AF1
AF2
AF3
—
—
GPIO[19]
—
SCL
—
WKPU[11]4
LIN0RX
SIUL
—
I2C_0
—
WKPU
LINFlex_0
I/O
—
I/O
—
I
I
S
Tristate
1111
C3
PB[4]
PCR[20]
AF0
AF1
AF2
AF3
—
GPIO[20]
—
—
—
GPI[0]
SIUL
—
—
—
ADC
I
—
—
—
I
I
Tristate
32325072
T16
PB[5]
PCR[21]
AF0
AF1
AF2
AF3
—
GPIO[21]
—
—
—
GPI[1]
SIUL
—
—
—
ADC
I
—
—
—
I
I
Tristate
35
—
53
75
R16
PB[6]
PCR[22]
AF0
AF1
AF2
AF3
—
GPIO[22]
—
—
—
GPI[2]
SIUL
—
—
—
ADC
I
—
—
—
I
I
Tristate
36
—
54
76
P15
PB[7]
PCR[23]
AF0
AF1
AF2
AF3
—
GPIO[23]
—
—
—
GPI[3]
SIUL
—
—
—
ADC
I
—
—
—
I
I
Tristate
37355577
P16
Table 5. Functional port pin descriptions (continued)
Pin number