Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0622023800 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

No. de pieza 0622023800
Descripción Electrónicos  DDR3 DIMM Memory Module Extraction Tool
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

0622023800 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0622023800 Datasheet HTML 1Page - Molex Electronics Ltd. 0622023800 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 11/02/2021
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0622023800
Status:
Active
Overview:
Application Tooling
Description:
DDR3 DIMM Memory Module Extraction Tool
Documents:
RoHS Certificate of Compliance (PDF)
General
Product Family
Application Tooling
Series
207121
Comments
See Tooling Specification (PDF) Above. Type:
EXTRACTOR
Function
Crimp
Geographic Area
Global
Level of Automation
Manual
More Detailed Tech Information
applicationtooling@molex.com
Overview
Application Tooling
Product Name
N/A
Tool Type
Extraction Hand Tool
UPC
883906114091
Warranty Disclaimer
CAUTION: Molex tooling crimp specifications are
valid only when used with Molex terminals and tooling
manufactured by Molex and sold by Molex or authorized
distributors ("Molex Tooling"). When using tooling
other than Molex Tooling with Molex specific connector
systems listed in our ATS documents, the Molex tooling
qualification does not apply and the responsibility for
full qualification of the connector system is that of the
customer. Molex accepts no liability for connector
performance or tooling support where tooling other
than Molex Tooling is used or where Molex Tooling is
modified.
Material Info
Reference - Drawing Numbers
Application Tooling Documents
ATS-622023800-001
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
For more information, please visit Contact US
China ROHS
Not Reviewed
ELV
Not Reviewed
RoHS Phthalates
Not Reviewed
Search Parts in this Series
207121 Series
Application Tooling
| FAQ
Description
Product #
1.00mm Pitch DDR3
DIMM Socket,
Vertical, Press-
Fit, with Pegs,
Black Housing and
Latches, 0.76µm
Gold (Au) Plating,
3.30mm Compliant
Pin Length, 3.60mm
PCB Thickness, 240
Circuits, Lead-Free
782940001
1.00mm Pitch
Aerodynamic DDR3
DIMM Socket, Very
Low Profile, Vertical,
Press-Fit, with Pegs,
Black Housing and
Latches, 0.76µm
Gold (Au) Plating,
1.85mm Compliant
Pin Length, 2.40mm
783150001


Número de pieza similar - 0622023800

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0622023800 MOLEX11-0622023800 Datasheet
29Kb / 1P
DDR3 DIMM Memory Module Extraction Tool
More results

Descripción similar - 0622023800

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
62100-9150 MOLEX11-62100-9150 Datasheet
35Kb / 1P
DDR3 DIMM Actuator Extraction Tool
62202-3810 MOLEX11-62202-3810 Datasheet
36Kb / 1P
DDR3 DIMM Extraction Tool
0622023800 MOLEX11-0622023800 Datasheet
29Kb / 1P
DDR3 DIMM Memory Module Extraction Tool
0622018656 MOLEX11-0622018656 Datasheet
28Kb / 1P
DDR3 DIMM Memory Module Installation Tool
0622018656 MOLEX-0622018656 Datasheet
32Kb / 1P
DDR3 DIMM Memory Module Installation Tool
02/27/2021
62100-9250 MOLEX-62100-9250 Datasheet
303Kb / 3P
DDR3 DIMM Light Pipe Extraction Tool
11-26-12
62100-9150 MOLEX-62100-9150 Datasheet
528Kb / 4P
DDR3 DIMM Actuator Extraction Tool
11-27-12
62202-3810 MOLEX-62202-3810 Datasheet
275Kb / 5P
DDR3 DIMM Extraction Tool
11-22-16
0621001810 MOLEX-0621001810 Datasheet
41Kb / 1P
DDR3 DIMM Ejector Latch Extraction Tool
08/26/2022
0621009150 MOLEX-0621009150 Datasheet
29Kb / 1P
DDR3 DIMM Actuator Extraction Tool
08/26/2022
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com