| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
VOF-6B-S24 Datasheet(PDF) 3 Page - CUI INC |
|
|
|||||||||||||||||||||||||||||
VOF-6B-S24 Datasheet(HTML) 3 Page - CUI INC |
|
3 / 5 page ![]() cui.com date 03/26/2021 │ page 3 of 5 CUI Inc │ SERIES: VOF-6B │ DESCRIPTION: AC-DC POWER SUPPLY SOLDERABILITY parameter conditions/description min typ max units wavesoldering seewavesolderingprofile 260 °C Notes: 1.Solderingmaterials:Sn/Cu/Ni 2.Rampuprateduringpreheat:1.4°C/s(from50°Cto100°C) 3.Soakingtemperature:0.5°C/s(from100°Cto130°C),60±20seconds 4.Peaktemperature:260°C,above250°Cfor3~6seconds 5.Rampdownrateduringcooling:-10°C/s(from260°Cto150°C) MECHANICAL parameter conditions/description min typ max units dimensions 1.913 x 0.917 x 0.638 (48.60 x 23.30 x 16.20 mm) inch weight 11 g cooling naturalconvection MECHANICAL DRAWING PINCONNECTIONS PIN Function 1 ACN 2 ACL 3 +Vout 4 -Vout 1.913 48.60 2 3 4 1 45.72 1.800 1.00 0.039 units: inch [mm] tolerance:X.XXX=±0.020[±0.50] Additional Resources: Product Page | 3D Model | PCB Footprint |