Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MS4-FRM-1/4 Datasheet(PDF) 1 Page - Festo Corporation.

No. de pieza MS4-FRM-1/4
Descripción Electrónicos  Branching module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FESTO [Festo Corporation.]
Página de inicio  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

MS4-FRM-1/4 Datasheet(HTML) 1 Page - Festo Corporation.

  MS4-FRM-1/4 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Branching module
MS4-FRM-1/4
Part number: 529555
Data sheet
Feature
Value
Mounting position
Any
Structural design
Branching module
Symbol
00991510
Operating pressure
0 bar ... 14 bar
Standard nominal flow rate in main flow direction 1 -> 2
4600 l/min
Standard nominal flow rate outlet at top
1500 l/min
Standard nominal flow rate outlet down
1500 l/min
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Inert gas
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
Storage temperature
-10 °C ... 60 °C
For use in the food industry
See supplementary material information
Temperature of medium
-10 °C ... 60 °C
Ambient temperature
-10 °C ... 60 °C
Product weight
165 g
Pneumatic connection 1
G1/4
Pneumatic connection 2
G¼
Pneumatic connection 3
G1/4
Pneumatic connection 4
G1/4
Note on materials
Free of copper and PTFE
RoHS-compliant
Housing material
Die-cast aluminum
4/1/22 - Subject to change - Festo SE & Co. KG
1/1


Número de pieza similar - MS4-FRM-1/4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Festo Corporation.
MS4-FRM-1/4-A8-F1A FESTO-MS4-FRM-1/4-A8-F1A Datasheet
86Kb / 1P
Branching module
MS4-FRM-1/4-I FESTO-MS4-FRM-1/4-I Datasheet
82Kb / 1P
Branching module
4/1/22
MS4-FRM-1/4-I-Z FESTO-MS4-FRM-1/4-I-Z Datasheet
82Kb / 1P
Branching module
4/1/22
MS4-FRM-1/4-Y FESTO-MS4-FRM-1/4-Y Datasheet
78Kb / 1P
Branching module
4/1/22
MS4-FRM-1/4-Y-Z FESTO-MS4-FRM-1/4-Y-Z Datasheet
78Kb / 1P
Branching module
4/1/22
More results

Descripción similar - MS4-FRM-1/4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Festo Corporation.
529557 FESTO-529557 Datasheet
78Kb / 1P
Branching module
4/1/22
531956 FESTO-531956 Datasheet
78Kb / 1P
Branching module
4/1/22
536969 FESTO-536969 Datasheet
83Kb / 1P
Branching module
4/1/22
536980 FESTO-536980 Datasheet
83Kb / 1P
Branching module
4/1/22
531971 FESTO-531971 Datasheet
79Kb / 1P
Branching module
4/4/22
531972 FESTO-531972 Datasheet
78Kb / 1P
Branching module
4/4/22
536979 FESTO-536979 Datasheet
84Kb / 1P
Branching module
4/4/22
536983 FESTO-536983 Datasheet
85Kb / 1P
Branching module
4/4/22
541682 FESTO-541682 Datasheet
85Kb / 1P
Branching module
4/4/22
564145 FESTO-564145 Datasheet
86Kb / 1P
Branching module
4/4/22
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com