Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AIMB-R4104-01A1E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

No. de pieza AIMB-R4104-01A1E
Descripción Electrónicos  Riser Cards & Add on Cards
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ADVANTECH [Advantech Co., Ltd.]
Página de inicio  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AIMB-R4104-01A1E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  AIMB-R4104-01A1E Datasheet HTML 1Page - Advantech Co., Ltd. AIMB-R4104-01A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Riser Cards & Add on Cards
Selection Guide
Module Name
AIMB-RF10F-01A1E
AIMB-RF20F-02A1E
AIMB-R1201-02A1E
Interface
PCIe x 16
PCIe x 16
PCIe x 1
Expansion Slots
1 PCIe x 16
2 PCIe x 8 (PCIe x 16 slot)
PCIe x 1 (one time one slot)
Chassis
1U
Yes
-
-
2U
-
Yes
-
Micro ATX
AIMB-585
Yes
Yes*
-
AIMB-584
Yes
Yes (WG2 Only)*
-
AIMB-582
Yes
Yes (WG2 Only)*
-
AIMB-581
Yes
Yes (WG2 Only)*
-
AIMB-580
Yes
-
-
AIMB-567
Yes
-
-
AIMB-505
Yes
-
-
AIMB-503
Yes
-
-
AIMB-502
Yes
-
-
AIMB-501
Yes
-
-
Mini ITX
AIMB-242
Yes
Yes*
-
AIMB-275
Yes
Yes (G2/VG Only)*
-
AIMB-226
-
-
Yes
* If use with STD chassis, need to buy 2 extension card. P/N:989243PF20E
Add on Card
AIMB-LVDS2-00A1E
ƒ Pull out a LVDS from eDP
ƒ Resolution up to 1920 x 1200
ƒ Dimensions: 47.5 x 80.74 mm
Note: Requires customized BIOS and BOM change
to support for AIMB-215/AIMB-216
AIMB-AUDIO-HDA1E
ƒ 5.1/7.1 Channel HD Audio Extension Module
ƒ Pull out Mic-in, Lin-out from on board front
panel (FPAUD)
ƒ Dimensions: 47.5 x 80.74 mm
Extend slot



Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com