Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SS240806 Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

No. de pieza SS240806
Descripción Electrónicos  8-Outlet Power Strip with Surge Suppression, 6 ft. (1.83 m) Cord, 1050 Joules, 2 ft. (0.61 m) length
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TRIPPLITE [Tripp Lite. All Rights Reserved]
Página de inicio  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SS240806 Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  SS240806 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SS240806 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SS240806 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SS240806 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications
8 Convenient Outlets Power All Standard Electrical Equipment
Features 8 NEMA 5-15R outlets that are compatible with all standard electrical equipment
q
Each power outlet is 2.25 inches apart (center to center), allowing enough room for most adapters and
transformers
q
A 6-ft. (1.83 m) long power cord easily reaches most wall outlets
q
Integral, Premium-Grade, Surge Suppression to Protect Against Destructive Surges and Line
Noise
Contains a premium-grade surge suppressor rated at 1050 Joules for protecting computers, testing
equipment and other sensitive electronics from destructive, AC transient surges
q
Prevents data loss in sensitive electronics due to EMI/RFI line noise
q
Adjustable Vertical and Horizontal Mounting Options
Convenient method of optional horizontal or vertical power distribution
q
Its 24-in. length and low-profile form factor fits in the most confined spaces unobtrusively
q
Easy-to-install with adjustable mounting clips
q
Premium Safety Features
Features an illuminated, rocker-style power switch with a locking, transparent guard to prevent
accidental turn offs
q
An integral, 15-amp resettable circuit breaker prevents dangerous circuit overloads that can irreversibly
damage connected equipment
q
Rugged, Durable Housing
A rugged, all-metal housing is durably constructed making it a great solution for industrial applications
q
An attractive, gray housing with stylish black receptacles match the decor of most professional settings
q
OVERVIEW
UPC Code
037332186416
INPUT
Nominal Input Voltage(s) Supported
120V AC
Recommended Electrical Service
120V
Input Cord Gauge (AWG)
14
Voltage Compatibility (VAC)
120
Maximum Surge Amps
22000
Input Plug Type
NEMA 5-15P
Input Cord Details
SJT
Input Cord Length (ft.)
6
2 / 4



Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com