Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32F302R8 Datasheet(PDF) 8 Page - STMicroelectronics

No. de pieza STM32F302R8
Descripción Electrónicos  Arm® Cortex®-M4 32-bit MCUFPU, up to 64 KB Flash, 16 KB SRAM, ADC, DAC, USB, CAN, COMP, Op-Amp, 2.0 - 3.6 V
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F302R8 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STM32F302R8 Datasheet HTML 4Page - STMicroelectronics STM32F302R8 Datasheet HTML 5Page - STMicroelectronics STM32F302R8 Datasheet HTML 6Page - STMicroelectronics STM32F302R8 Datasheet HTML 7Page - STMicroelectronics STM32F302R8 Datasheet HTML 8Page - STMicroelectronics STM32F302R8 Datasheet HTML 9Page - STMicroelectronics STM32F302R8 Datasheet HTML 10Page - STMicroelectronics STM32F302R8 Datasheet HTML 11Page - STMicroelectronics STM32F302R8 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 139 page
background image
Introduction
STM32F302x6 STM32F302x8
8/139
DS9896 Rev 8
1
Introduction
This document applies to the STM32F302x6/8 advanced Arm®(a)-based 32-bit MCUs
microcontrollers.
This datasheet provides the ordering information and mechanical device characteristics of
the STM32F302x6/8 microcontrollers and should be read in conjunction with the
STM32F302xB/C/D/E and STM32F302x6/8 advanced Arm® -based 32-bit MCUs reference
manual (RM0365). The reference manual is available from the STMicroelectronics website
www.st.com.
For information on the Arm® Cortex®-M4 core, refer to the Cortex®-M4 Technical Reference
Manual, available from Arm website www.arm.com.
a. Arm is a registered trademark of Arm Limited (or its subsidiaries) in the US and/or elsewhere.