Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32F072CB Datasheet(PDF) 38 Page - STMicroelectronics

No. de pieza STM32F072CB
Descripción Electrónicos  Arm®-based 32-bit MCU, up to 128 KB Flash, crystal-less USB FS 2.0, CAN, 12 timers, ADC, DAC & comm. interfaces, 2.0 - 3.6 V
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F072CB Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STM32F072CB Datasheet HTML 34Page - STMicroelectronics STM32F072CB Datasheet HTML 35Page - STMicroelectronics STM32F072CB Datasheet HTML 36Page - STMicroelectronics STM32F072CB Datasheet HTML 37Page - STMicroelectronics STM32F072CB Datasheet HTML 38Page - STMicroelectronics STM32F072CB Datasheet HTML 39Page - STMicroelectronics STM32F072CB Datasheet HTML 40Page - STMicroelectronics STM32F072CB Datasheet HTML 41Page - STMicroelectronics STM32F072CB Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 128 page
background image
Pinouts and pin descriptions
STM32F072x8 STM32F072xB
38/128
DS9826 Rev 6
M2
24
H2
15
11
G7
PA1
I/O
TTa
-
USART2_RTS,
TIM2_CH2,
TIM15_CH1N,
TSC_G1_IO2,
USART4_RX,
EVENTOUT
ADC_IN1,
COMP1_INP
K3
25
F3
16
12
E5
PA2
I/O
TTa
-
USART2_TX,
COMP2_OUT,
TIM2_CH3,
TIM15_CH1,
TSC_G1_IO3
ADC_IN2,
COMP2_INM6,
WKUP4
L3
26
G3
17
13
E4
PA3
I/O
TTa
-
USART2_RX,TIM2_CH4,
TIM15_CH2,
TSC_G1_IO4
ADC_IN3,
COMP2_INP
D3
27
C2
18
-
-
VSS
S
-
-
Ground
H3
28
D2
19
-
-
VDD
S
-
-
Digital power supply
M3
29
H3
20
14
G6
PA4
I/O
TTa
-
SPI1_NSS, I2S1_WS,
TIM14_CH1,
TSC_G2_IO1,
USART2_CK
COMP1_INM4,
COMP2_INM4,
ADC_IN4,
DAC_OUT1
K4
30
F4
21
15
F5
PA5
I/O
TTa
-
SPI1_SCK, I2S1_CK,
CEC,
TIM2_CH1_ETR,
TSC_G2_IO2
COMP1_INM5,
COMP2_INM5,
ADC_IN5,
DAC_OUT2
L4
31
G4
22
16
F4
PA6
I/O
TTa
-
SPI1_MISO, I2S1_MCK,
TIM3_CH1, TIM1_BKIN,
TIM16_CH1,
COMP1_OUT,
TSC_G2_IO3,
EVENTOUT,
USART3_CTS
ADC_IN6
M4
32
H4
23
17
F3
PA7
I/O
TTa
-
SPI1_MOSI, I2S1_SD,
TIM3_CH2, TIM14_CH1,
TIM1_CH1N,
TIM17_CH1,
COMP2_OUT,
TSC_G2_IO4,
EVENTOUT
ADC_IN7
Table 14. STM32F072x8/xB pin definitions (continued)
Pin numbers
Pin name
(function upon
reset)
Pin
type
Pin functions
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More