Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32L072KBU6 Datasheet(PDF) 51 Page - STMicroelectronics

No. de pieza STM32L072KBU6
Descripción Electrónicos  Ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, USB, ADC, DACs
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L072KBU6 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button STM32L072KBU6 Datasheet HTML 47Page - STMicroelectronics STM32L072KBU6 Datasheet HTML 48Page - STMicroelectronics STM32L072KBU6 Datasheet HTML 49Page - STMicroelectronics STM32L072KBU6 Datasheet HTML 50Page - STMicroelectronics STM32L072KBU6 Datasheet HTML 51Page - STMicroelectronics STM32L072KBU6 Datasheet HTML 52Page - STMicroelectronics STM32L072KBU6 Datasheet HTML 53Page - STMicroelectronics STM32L072KBU6 Datasheet HTML 54Page - STMicroelectronics STM32L072KBU6 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 160 page
background image
DS10689 Rev 5
51/160
STM32L072xx
Pin descriptions
58
-
-
-
-
-
-
-
84
B8
PD3
I/O FT
-
USART2_CTS,
SPI2_MISO/I2S2_MC
K
-
-
-
-
-
-
-
-
85
B7
PD4
I/O FT
-
USART2_RTS/
USART2_DE,
SPI2_MOSI/I2S2_SD
-
-
-
-
-
-
-
-
86
A6
PD5
I/O FT
-
USART2_TX
-
-
-
-
-
-
-
-
87
B6
PD6
I/O FT
-
USART2_RX
-
-
-
-
-
-
-
-
88
A5
PD7
I/O FT
-
USART2_CK,
TIM21_CH2
-
26
-
3939 55 A5A3 89
A8
PB3
I/O FT
-
SPI1_SCK,
TIM2_CH2,
TSC_G5I_O1,
EVENTOUT,
USART1_RTS/
USART1_DE,
USART5_TX
COMP2_INM
27 26 40 40 56 A4 B3 90
A7
PB4
I/O FTf
-
SPI1_MISO,
TIM3_CH1,
TSC_G5_IO2,
TIM22_CH1,
USART1_CTS,
USART5_RX,
I2C3_SDA
COMP2_INP
28 27 41 41 57 C4 A4 91
C5
PB5
I/O FT
-
SPI1_MOSI,
LPTIM1_IN1,
I2C1_SMBA,
TIM3_CH2/TIM22_CH
2, USART1_CK,
USART5_CK,
USART5_RTS/
USART5_DE
COMP2_INP
Table 16. STM32L072xxx pin definition (continued)
Pin number
Pin name
(function
after reset)
Alternate functions
Additional
functions