| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32L071XZ Datasheet(PDF) 45 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L071XZ Datasheet(HTML) 45 Page - STMicroelectronics |
|
45 / 148 page ![]() DS10690 Rev 7 45/148 STM32L071xx Pin descriptions 54 - - - - - - - 56 K8 PD9 I/O FT - LPUART1_RX - - - --- - - 57 J12 PD10 I/O FT - - - - - - - - - - 58 J11 PD11 I/O FT - LPUART1_CTS - - - --- - - 59 J10 PD12 I/O FT - LPUART1_RTS/ LPUART1_DE - - - - - - - - 60 H12 PD13 I/O FT - - - - - - - - - - 61 H11 PD14 I/O FT - - - - - - - - - - 62 H10 PD15 I/O FT - - - - - - - 37 F6 - 63 E12 PC6 I/O FT - TIM22_CH1, TIM3_CH1 - - - - - 38 E7 - 64 E11 PC7 I/O FT - TIM22_CH2, TIM3_CH2 - - - - - 39 E8 - 65 E10 PC8 I/O FT - TIM22_ETR, TIM3_CH3 - - - - - 40 D8 - 66 D12 PC9 I/O FTf - TIM21_ETR, TIM3_CH4, I2C3_SDA - 18 18 29 29 41 D7 D1 67 D11 PA8 I/O FTf - MCO, EVENTOUT, USART1_CK, I2C3_SCL - 19 19 30 30 42 C7 E2 68 D10 PA9 I/O FTf - MCO, USART1_TX, I2C1_SCL, I2C3_SMBA - 20 20 31 31 43 C6 C1 69 C12 PA10 I/O FTf - USART1_RX, I2C1_SDA - 21 21 32 32 44 C8 D2 70 B12 PA11 I/O FT - SPI1_MISO, EVENTOUT, USART1_CTS, COMP1_OUT - Table 15. STM32L071xxx pin definition (continued) Pin number Pin name (function after reset) Alternate functions Additional functions |