| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32L072XB Datasheet(PDF) 50 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L072XB Datasheet(HTML) 50 Page - STMicroelectronics |
|
50 / 160 page ![]() Pin descriptions STM32L072xx 50/160 DS10689 Rev 5 22 22 33 33 45 B8 B1 71 A12 PA12 I/O FT (3) SPI1_MOSI, EVENTOUT, TSC_G4_IO4, USART1_RTS/ USART1_DE, COMP2_OUT USB_DP 23 23 34 34 46 A8 C2 72 A11 PA13 I/O FT - SWDIO, USB_NOE, LPUART1_RX - - - - - - - - 73 C11 VDD S - - - - - 35 35 47 D5 - 74 F11 VSS S - - - - 24 3636 48 E6A1 75 G11 VDD_USB S - - - 24 25 37 37 49 A7 B2 76 A10 PA14 I/O FT - SWCLK, USART2_TX, LPUART1_TX - 25 - 3838 50 A6A2 77 A9 PA15 I/O FT - SPI1_NSS, TIM2_ETR, EVENTOUT, USART2_RX, TIM2_CH1, USART4_RTS/ USART4_DE - - - - - 51 B7 - 78 B11 PC10 I/O FT - LPUART1_TX, USART4_TX - - - - - 52 B6 - 79 C10 PC11 I/O FT - LPUART1_RX, USART4_RX - - - - - 53 C5 - 80 B10 PC12 I/O FT - USART5_TX, USART4_CK - - - --- - - 81 C9 PD0 I/O FT - TIM21_CH1, SPI2_NSS/I2S2_WS - - - - - - - - 82 B9 PD1 I/O FT - SPI2_SCK/I2S2_CK - -- - - 54 B5 - 83 C8 PD2 I/O FT - LPUART1_RTS/ LPUART1_DE, TIM3_ETR, USART5_RX - Table 16. STM32L072xxx pin definition (continued) Pin number Pin name (function after reset) Alternate functions Additional functions |