| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32469ZI Datasheet(PDF) 52 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32469ZI Datasheet(HTML) 52 Page - STMicroelectronics |
|
52 / 220 page ![]() Pinouts and pin description STM32F469xx 52/220 DS11189 Rev 7 Figure 17. STM32F46x UFBGA176 ballout 1. The above figure shows the package top view. MS39400V2 12 3 91 0 1 1 1 2 1 3 1 4 1 5 AP E 3 P E 2 PE 1 P E 0 P B 8 PB5 PG 1 4 PG 1 3 PB 4 P B3 PD 7 P C 1 2 P A1 5 P A1 4 P A13 BP E 4 P E 5 PE6 PB9 P B7 PB6 P G 15 P G 12 P G 11 P G 10 P D 6 P D 0 P C 11 P C 10 P A 12 C VBAT PI7 P I 6 P I 5 PDR _ON PG 9 P D 5 P D 1 P I3 NC D PC 13 PI8 PI 9 P I 4 BOOT0 V S S V SS V S S P D4 P D 3 P D2 PI1 PA10 E PC 14 P F 0 PI10 PI1 1 DSI HOST_ D1P PI0 PA 9 FP C 15 VS S VD D PH2 V SS VCAP2 P C 9 PA 8 G PH 0 V S S VDD P H 3 VSS V D D P C 8 P C 7 H PH1 PF2 PF1 PH4 VSS DSI VDD_ USB PG 8 P C 6 J NRST PF3 P H 5 PG 7 P G 6 K PF7 PF6 PF4 VDD VSS PG 5 P G 4 PG 3 L PF 1 0 BYPASS _REG PG 2 MV S S A P C 0 PF8 PC1 P C 2 P C 3 PB2 PG1 VCAP _1 PH6 PD14 NV R E F - PA0 PA4 PC 4 PF13 P G 0 V DD V DD V DD P H 7 P D 1 2 P D 1 1 P D 10 P P A 2 PA6 P A 5 PC 5 PF12 P F 15 PE 8 PE 9 P E 1 1 PB 12 P B 13 P D 9 P D 8 R PA3 PB1 PF11 PE7 PE12 P B 1 1 P B 14 P B 15 VSS 45 6 7 8 PA1 VDD12 DSI DSI HOST_ D1N VDD DSI VCAP DSI DSI HOST_ CKP DSI HOST_ D0P DSI HOST_ D0N DSI HOST_ CKN VDD VDD VDD VDD VREF+ VDDA PA7 PB0 PF14 PE10 VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS PF9 PF5 PD13 PD15 VDD PA11 PE13 PE14 PE15 PB10 |