| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32F732IE Datasheet(PDF) 66 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F732IE Datasheet(HTML) 66 Page - STMicroelectronics |
|
66 / 226 page ![]() 25 34 46 R5 56 F5 R5 L4 46 56 PB0 I/O FT (4) TIM1_CH2N, TIM3_CH3, TIM8_CH2N, UART4_CTS, OTG_HS_ULPI_D1, EVENTOUT ADC1_IN8, ADC2_IN8 26 35 47 R4 57 G5 R4 M4 47 57 PB1 I/O FT (4) TIM1_CH3N, TIM3_CH4, TIM8_CH3N, OTG_HS_ULPI_D2, EVENTOUT ADC1_IN9, ADC2_IN9 27 36 48 M6 58 K6 M6 J5 48 58 PB2 I/O FT - SAI1_SD_A, SPI3_MOSI/I2S3_SD, QUADSPI_CLK, EVENTOUT - - - 49 R6 59 - R6 M5 49 59 PF11 I/O FT - SPI5_MOSI, SAI2_SD_B, FMC_SDNRAS, EVENTOUT - - - 50 P6 60 - P6 L5 50 60 PF12 I/O FT - FMC_A6, EVENTOUT - - - 51 M8 61 - M8 - 51 61 VSS S - - - - - - 52 N8 62 - N8 G5 52 62 VDD S - - - - - - 53 N6 63 - N6 K5 53 63 PF13 I/O FT - FMC_A7, EVENTOUT - - - 54 R7 64 - R7 M6 54 64 PF14 I/O FT - FMC_A8, EVENTOUT - - - 55 P7 65 - P7 L6 55 65 PF15 I/O FT - FMC_A9, EVENTOUT - - - 56 N7 66 - N7 K6 56 66 PG0 I/O FT - FMC_A10, EVENTOUT - - - 57 M7 67 - M7 J6 57 67 PG1 I/O FT - FMC_A11, EVENTOUT - Table 10. STM32F732xx and STM32F733xx pin and ball definition (continued) Pin Number Pin name (function after reset)(1) Alternate functions Additional functions STM32F732xx STM32F733xx |