| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32F730V8 Datasheet(PDF) 55 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F730V8 Datasheet(HTML) 55 Page - STMicroelectronics |
|
55 / 202 page ![]() DS12536 Rev 2 55/202 STM32F730x8 Pinouts and pin description 83 -4 4 B2 PE5 I/O FT - TRACED2, TIM9_CH1, SPI4_MISO, SAI1_SCK_A, FMC_A21, EVENTOUT - -5 5 B3 PE6 I/O FT - TRACED3, TIM1_BKIN2, TIM9_CH2, SPI4_MOSI, SAI1_SD_A, SAI2_MCK_B, FMC_A22, EVENTOUT - 1 6 6 C1 VBAT S - - - - -- - D2 PI8 I/O FT (2) (3) EVENTOUT RTC_TAMP2/ RTC_TS, WKUP5 27 7 D1 PC13 I/O FT (2) (3) EVENTOUT RTC_TAMP1/ RTC_TS/ RTC_OUT, WKUP4 38 8 E1 PC14- OSC32_IN(PC14) I/O FT (2) (3) (4) EVENTOUT OSC32_IN 49 9 F1 PC15- OSC32_OUT(PC15) I/O FT (2) (3) (4) EVENTOUT OSC32_OUT -- - D3 PI9 I/O FT - UART4_RX, CAN1_RX, FMC_D30, EVENTOUT - - - - E3 PI10 I/O FT - FMC_D31, EVENTOUT - - - - E4 PI11 I/O FT (5) OTG_HS_ULPI_DIR, EVENTOUT WKUP6 - - - F2 VSS S - - - - -- - F3 VDD S - - - - - - 10 E2 PF0 I/O FTf - I2C2_SDA, FMC_A0, EVENTOUT - - - 11 H3 PF1 I/O FTf - I2C2_SCL, FMC_A1, EVENTOUT - -- 12 H2 PF2 I/O FT - I2C2_SMBA, FMC_A2, EVENTOUT - Table 10. STM32F730x8 pin and ball definition (continued) Pin Number Pin name (function after reset)(1) Alternate functions Additional functions |