Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MX674ASQ Datasheet(PDF) 4 Page - Maxim Integrated Products

No. de pieza MX674ASQ
Descripción Electrónicos  Industry-Standard, Complete 12-Bit ADCs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MAXIM [Maxim Integrated Products]
Página de inicio  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MX674ASQ Datasheet(HTML) 4 Page - Maxim Integrated Products

  MX674ASQ Datasheet HTML 1Page - Maxim Integrated Products MX674ASQ Datasheet HTML 2Page - Maxim Integrated Products MX674ASQ Datasheet HTML 3Page - Maxim Integrated Products MX674ASQ Datasheet HTML 4Page - Maxim Integrated Products MX674ASQ Datasheet HTML 5Page - Maxim Integrated Products MX674ASQ Datasheet HTML 6Page - Maxim Integrated Products MX674ASQ Datasheet HTML 7Page - Maxim Integrated Products MX674ASQ Datasheet HTML 8Page - Maxim Integrated Products MX674ASQ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
(VL = +5V, VCC = +15V or +12V, VEE = -15V or -12V, TA = +25°C, unless otherwise noted.)
(VL = +5V, VCC = +15V or +12V, VEE = -15V or -12V, TA = +25°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Bipolar Offset Change
MX574AK/L, MX674AK/L
±1
LSB
MX574AJ, MX674AJ
±2
MX574AU/LE, MX674AU/LE
±1
MX574AT/KE, MX674AT/KE
±2
MX574AS/JE, MX674AS/JE
±4
Full-Scale Calibration Change
MX574AL, MX674AL
±2 (10)
LSB
(ppm/°C
MX574AK, MX674AK
±5 (27)
MX574AJ, MX674AJ
±9 (50)
MX574ALE, MX674ALE
±7 (19)
MX574AKE, MX674AKE
±10 (38)
MX574AJE, MX674AJE
±20 (75)
MX574AU, MX674AU
±5 (12)
MX574AT, MX674AT
±10 (25)
MX574AS, MX674AS
±20 (50)
INTERNAL REFERENCE
Output Voltage
No load
MX574AL/U
9.99
10.00
10.01
V
MX574AJ/K/S/T, MX674AL/U
9.98
10.00
10.02
MX674AJ/K/S/T
9.97
10.00
10.03
Output Current (Note 5)
Available for external loads, in addition to
REFIN and BIPOFF load
2
mA
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ANALOG INPUT
Bipolar Input Range
Using 10V input
±5
V
Using 20V input
±10
Unipolar Input Range
Using 10V input
0
+10
V
Using 20V input
0
+20
Input Impedance
10V input
3
5
7
kΩ
20V input
6
10
14
POWER-SUPPLY REJECTION (Max Change in Full-Scale Calibration)
V
CC Only
15V ±1.5V or
12V ±0.6V
MAX174A/B, MX_74AK/L/TU
±1/8
±1
LSB
MAX174C, MX_74AJ/S
±1/8
±2
V
EE Only
15V ±1.5V or 12V ±0.6V
±1/8
±1/2
LSB
V
L Only
5V ±0.5V
±1/8
±1/2
LSB
LOGIC INPUTS
Input Low Voltage
V
IL CS, CE, R/C, A0, 12/8
0.8
V
Input High Voltage
V
IH CS, CE, R/C, A0, 12/8
2.0
V
MAX174/MX574A/
MX674A
Industry-Standard, Complete 12-Bit ADCs
www.maximintegrated.com
Maxim Integrated │ 4
Electrical Characteristics—MX574A, MX674A (continued)
Electrical Characteristics—MAX174/MX574/MX674A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com