Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CG40.6101.151 Datasheet(PDF) 1 Page - Schurter Inc.

No. de pieza CG40.6101.151
Descripción Electrónicos  IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Line Switch 1- or 2-pole, Voltage Selector (Series-Parallel)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SCHURTER [Schurter Inc.]
Página de inicio  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

CG40.6101.151 Datasheet(HTML) 1 Page - Schurter Inc.

  CG40.6101.151 Datasheet HTML 1Page - Schurter Inc. CG40.6101.151 Datasheet HTML 2Page - Schurter Inc. CG40.6101.151 Datasheet HTML 3Page - Schurter Inc. CG40.6101.151 Datasheet HTML 4Page - Schurter Inc. CG40.6101.151 Datasheet HTML 5Page - Schurter Inc. CG40.6101.151 Datasheet HTML 6Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Power Entry Modules with Line Filter
CG
https://www.schurter.com /PG06
EMC Products
IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Line Switch 1- or
2-pole, Voltage Selector (Series-Parallel)
See below:
Approvals and Compliances
C14
70° C
Description
- Panel mount :
Screw-on mounting front side
- 5 Functions :
Appliance Inlet , Line Switch , Fuseholder with interchangeable fuse
drawer for Fuse-links 5x20 mm or 6.3x32 mm , Voltage Selector
(series-parallel) , Line filter in standard and medical version
- Quick connect terminals 4.8 x 0.8 mm
Characteristics
- All single elements are already partially wired
- For added safety "Extra-Safe" fuse drawers are available
- For applications according IEC/UL 62368-1 we recommend variants
with bleed resistor
Suitable for use in medical equipment according to IEC/UL 60601-1 (1
MOOP, 1 MOPP)
References
Alternative: version without line filter KG
Alternative: Standard version
Weblinks
pdf data sheet, html datasheet, General Product Information, Approvals,
Distributor-Stock-Check, Accessories, Detailed request for product
Newly available variants corresponding to V-Lock mating cordset. The connector is equipped with a notch intended for use with the latching cordset.
The cord latching system prevents against accidental removal of the cordset.
Technical Data
Ratings IEC
1 - 10 A @ Ta 40 °C / 250 VAC; 50 Hz
Ratings UL/CSA
1 - 10 A @ Ta 40 °C / 250 VAC; 60 Hz
Leakage Current
standard < 0.5 mA (250 V / 60 Hz)
medical < 5 µA (250 V / 60 Hz)
Dielectric Strength
> 1.7 kVDC between L-N
> 2.7 kVDC between L/N-PE
Test voltage (2 sec)
Allowable Operation Tempe-
rature
-25 °C to 85 °C
Climatic Category
25/085/21 acc. to IEC 60068-1
IP-Protection
front side IP40 acc. to IEC 60529
Protection Class
Suitable for appliances with protection
class I acc. to IEC 61140
Terminal
Quick connect terminals 4.8 x 0.8 mm
Panel Thickness S
Screw: max 8 mm
Mounting screw torque max 0.5 Nm
Material: Housing
Thermoplastic, black, UL 94V-0
Appliance inlet/-outlet
C14 acc. to IEC 60320-1,
UL 498, CSA C22.2 no. 42 (for cold
conditions) pin-temperature 70 °C, 10 A,
Protection Class I
Fuseholder
1-/2-pole, Shocksafe category PC2
acc. to IEC 60127-6,
for fuse-links 5 x 20 / 6.3 x 32 mm
Rated Power Acceptance @
Ta 23 °C
5 x 20: 2.5 W (1 pole)/ 2 W (2-pole) per
pole
6.3 x 32: 3.15 W (1 pole)/ 2.5 W (2-pole)
per pole
Power Acceptance @ Ta >
23°C
Admissible power acceptance at higher
ambient temperature see derating cur-
ves
Line Switch
2-pole, non-illuminated, acc. to IEC
61058-1
Technical Details
Voltage Selector
series-parallel, 4, 3 or 2 switch positions
or usable as 2-pole change-over switch
Line Filter
Standard and Medical Version, IEC
60939, UL 1283, CSA C22.2 no. 8
Technical Details
MTBF
> 1'100'000 h acc. to MIL-HB-217 F
Approvals and Compliances
Detailed information on product approvals, code requirements, usage instructions and detailed test conditions can be looked up in Details about
Approvals
SCHURTER products are designed for use in industrial environments. They have approvals from independent testing bodies according to national
and international standards. Products with specific characteristics and requirements such as required in the automotive sector according to IATF
16949, medical technology according to ISO 13485 or in the aerospace industry can be offered exclusively with customer-specific, individual agree-
ments by SCHURTER.


Número de pieza similar - CG40.6101.151

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Schurter Inc.
CG40.6101.151 SCHURTER-CG40.6101.151 Datasheet
563Kb / 5P
IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Line Switch 1- or 2-pole, Voltage Selector (Series-Parallel)
More results

Descripción similar - CG40.6101.151

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Schurter Inc.
KD134101151 SCHURTER-KD134101151 Datasheet
586Kb / 4P
IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole, Line Switch 1- or 2-pole and Voltage Selector
KG165101151 SCHURTER-KG165101151 Datasheet
568Kb / 4P
IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole, Line Switch 1- or 2-pole and Voltage Selector
CD11.1501.151 SCHURTER-CD11.1501.151 Datasheet
571Kb / 5P
IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Line Switch 1- or 2-pole, Voltage Selector (Step)
CG16.5101.151 SCHURTER-CG16.5101.151 Datasheet
563Kb / 5P
IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Line Switch 1- or 2-pole, Voltage Selector (Series-Parallel)
KFC SCHURTER-KFC Datasheet
578Kb / 5P
IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), optional Voltage Selector
CD11.1501.151 SCHURTER-CD11.1501.151_V01 Datasheet
663Kb / 7P
IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Line Switch 1- or 2-pole, Voltage Selector (Step)
04.01.2022
CE16.5100.151 SCHURTER-CE16.5100.151_V01 Datasheet
666Kb / 7P
IEC Appliance Inlet C14 with Filter, Fuseholder 1-or 2-pole (5 x 20 mm or 6.3x32 mm, with or without voltage selector (series-parallel)
04.01.2022
CD11.4599.151 SCHURTER-CD11.4599.151 Datasheet
600Kb / 6P
IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Bowden Line Switch 1- or 2-pole, Voltage Selector (Step)
17.08.2020
KFC SCHURTER-KFC_V01 Datasheet
668Kb / 7P
IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), optional Voltage Selector (step switch)
04.01.2022
KP01145201 SCHURTER-KP01145201_V01 Datasheet
616Kb / 7P
IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole (5x20 mm)
08.12.2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com