Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

XC61FN3852PR Datasheet(PDF) 3 Page - Torex Semiconductor

No. de pieza XC61FN3852PR
Descripción Electrónicos  Voltage Detectors ( Delay Circuit Built-In)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOREX [Torex Semiconductor]
Página de inicio  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC61FN3852PR Datasheet(HTML) 3 Page - Torex Semiconductor

  XC61FN3852PR Datasheet HTML 1Page - Torex Semiconductor XC61FN3852PR Datasheet HTML 2Page - Torex Semiconductor XC61FN3852PR Datasheet HTML 3Page - Torex Semiconductor XC61FN3852PR Datasheet HTML 4Page - Torex Semiconductor XC61FN3852PR Datasheet HTML 5Page - Torex Semiconductor XC61FN3852PR Datasheet HTML 6Page - Torex Semiconductor XC61FN3852PR Datasheet HTML 7Page - Torex Semiconductor XC61FN3852PR Datasheet HTML 8Page - Torex Semiconductor XC61FN3852PR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
XC61F
Series
159
2
■Product Classification
GOrdering Information
XC61F
X X X X X X X
     ↑↑↑↑↑↑↑
 
a b b c d e f
Output Configuration :
Package Type :
C = CMOS
M = SOT-23
N = N-ch open drain
P = SOT-89
T = TO-92 (Regular)
L = TO-92 (Custom pin
Configuration)
Detect Voltage (VDF) :
25 = 2.5V
38 = 3.8V
Output Delay :
Device Orientation :
1 = 50ms to 200ms
R = Embossed Tape ( Right )
4 = 80ms to 400ms
L = Embossed Tape ( Left )
H: Paper Tape (TO-92)
B: Bag (TO-92)
5 = 1ms to 50ms
Detect Accuracy :
2 = within
± 2.0%
e
f
DESCRIPTION
DESIGNATOR
DESCRIPTION
DESIGNATOR
a
b
c
d
■Packaging Information
GSOT-23
1.1±0.1
0∼0.1
0.15
(0.95)
1.9±0.2
2.9±0.2
+0.1
-0.05
0.4
+0.1
-0.05
02S_04XC61F 02.09.12 14:04 ページ 159



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com