Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

REF2025-Q1 Datasheet(PDF) 4 Page - Texas Instruments

No. de pieza REF2025-Q1
Descripción Electrónicos  REF20xx-Q1 Low-Drift, Low-Power, Dual-Output, VREF and VREF / 2 Voltage References
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

REF2025-Q1 Datasheet(HTML) 4 Page - Texas Instruments

  REF2025-Q1 Datasheet HTML 1Page - Texas Instruments REF2025-Q1 Datasheet HTML 2Page - Texas Instruments REF2025-Q1 Datasheet HTML 3Page - Texas Instruments REF2025-Q1 Datasheet HTML 4Page - Texas Instruments REF2025-Q1 Datasheet HTML 5Page - Texas Instruments REF2025-Q1 Datasheet HTML 6Page - Texas Instruments REF2025-Q1 Datasheet HTML 7Page - Texas Instruments REF2025-Q1 Datasheet HTML 8Page - Texas Instruments REF2025-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
6 Pin Configuration and Functions
1
3
5
4
2
GND
V
BIAS
V
IN
EN
V
REF
Figure 6-1. DDC Package
SOT23-5
(Top View)
Table 6-1. Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
1
VBIAS
Output
Bias voltage output (VREF / 2)
2
GND
Ground
3
EN
Input
Enable (EN ≥ VIN – 0.7 V, device enabled)
4
VIN
Input
Input supply voltage
5
VREF
Output
Reference voltage output (VREF)
REF20-Q1
SBOSA80 – DECEMBER 2021
www.ti.com
4
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: REF20-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com