Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32L476G-DISCO Datasheet(PDF) 34 Page - STMicroelectronics

No. de pieza STM32L476G-DISCO
Descripción Electrónicos  STM32CubeL4 demonstration firmware for 32L476GDISCOVERY discovery kit
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L476G-DISCO Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STM32L476G-DISCO Datasheet HTML 29Page - STMicroelectronics STM32L476G-DISCO Datasheet HTML 30Page - STMicroelectronics STM32L476G-DISCO Datasheet HTML 31Page - STMicroelectronics STM32L476G-DISCO Datasheet HTML 32Page - STMicroelectronics STM32L476G-DISCO Datasheet HTML 33Page - STMicroelectronics STM32L476G-DISCO Datasheet HTML 34Page - STMicroelectronics STM32L476G-DISCO Datasheet HTML 35Page - STMicroelectronics STM32L476G-DISCO Datasheet HTML 36Page - STMicroelectronics STM32L476G-DISCO Datasheet HTML 37Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 34 / 37 page
background image
Kernel description
UM1919
34/37
DocID028080 Rev 1
A module is a set of function and data structures that are defined in a data structure that
provides all the information and pointers to specific methods and functions to the kernel.
This later checks the integrity and the validity of the module and inserts its structure into a
module table. Each module is identified by a unique ID. When two modules have the same
ID, the Kernel rejects the second one. The module structure is defined as follows:
•
Id: unique module identifier
•
Name: pointer to the module name
•
kModuleId: module identifier
•
kModulePreExec: pre-execution function to allocate resources prior to the execution
•
kModuleExec: execution function
•
kModulePostExec: post-execution function to release resources
•
kModuleResourceCheck: function to check the resource requirements after the module
was added to the kernel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37