Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32CUBEMX Datasheet(PDF) 2 Page - STMicroelectronics

No. de pieza STM32CUBEMX
Descripción Electrónicos  STM32 configuration and initialization C code generation
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32CUBEMX Datasheet(HTML) 2 Page - STMicroelectronics

  STM32CUBEMX Datasheet HTML 1Page - STMicroelectronics STM32CUBEMX Datasheet HTML 2Page - STMicroelectronics STM32CUBEMX Datasheet HTML 3Page - STMicroelectronics STM32CUBEMX Datasheet HTML 4Page - STMicroelectronics STM32CUBEMX Datasheet HTML 5Page - STMicroelectronics STM32CUBEMX Datasheet HTML 6Page - STMicroelectronics STM32CUBEMX Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Description
STM32CubeMX is a graphical tool that allows a very easy configuration of STM32 microcontrollers and microprocessors, as well
as the generation of the corresponding initialization C code for the Arm® Cortex®-M core or a partial Linux® Device Tree for
Arm® Cortex®-A core, through a step-by-step process.
The first step consists in selecting either an STMicrolectronics STM32 microcontroller, microprocessor or a development
platform that matches the required set of peripherals, or an example running on a specific development platform.
For microprocessors, the second step allows to configure the GPIOs and the clock setup for the whole system, and to
interactively assign peripherals either to the Arm® Cortex®-M or to the Cortex®-A world. Specific utilities, such as DDR
configuration and tuning, make it easy to get started with STM32 microprocessors. For Cortex®-M core, the configuration
includes additional steps that are exactly similar to those described for microcontrollers.
For microcontrollers and microprocessor Arm® Cortex®-M, the second step consists in configuring each required embedded
software thanks to a pinout-conflict solver, a clock-tree setting helper, a power-consumption calculator, and an utility that
configures the peripherals (such as GPIO or USART) and the middleware stacks (such as USB or TCP/IP).
The default software and middleware stacks can be extended thanks to enhanced STM32Cube Expansion Packages.
STMicrolectronics or STMicrolectronics' partner packages can be downloaded directly from a dedicated package manager
available within STM32CubeMX, while the other packages can be installed from a local drive.
Moreover, a unique utility in STM32CubeMX delivery, STM32PackCreator, helps developers to build their own enhanced
STM32Cube Expansion Packages.
Eventually the user launches the generation that matches the selected configuration choices. This step provides the initialization
C code for the Arm® Cortex®-M, ready to be used within several development environments, or a partial Linux® Device Tree for
the Arm® Cortex®-A.
STM32CubeMX is delivered within STM32Cube.
Figure 1. STM32CubeMX within STM32Cube
STM32CubeMX
DB2163 - Rev 17
page 2/7



Html Pages

1 2 3 4 5 6 7