| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
700 Datasheet(PDF) 1 Page - 3M Electronics |
|
|
|||||||||||||||||||||||||||||
700 Datasheet(HTML) 1 Page - 3M Electronics |
|
1 / 5 page ![]() 700-Series SMP Products: 3M ™ SMP Sealant 730, Clear 3M ™ SMP Adhesive Sealant 740UV 3M ™ SMP Adhesive Sealant 760UV Technical Bulletin June, 2016 Product Description 3M™ 700-Series Silane Modified Polymer (SMP) Adhesive Sealant products are one component, moisture curing products which form permanent elastic bonds. They are similar in function as a typical one component polyurethane sealant but are isocyanate-free. 3M SMP Adhesive Sealants bond to a wide variety of materials including plastics, metals, fiberglass, and wood. Differentiated from other high performance sealants as they are very low VOC, have better UV resistance, and have broad substrate adhesion for a wide range of productivity enhancement applications. Features/ Advantages *All paints should first be tested for compatibility in application. Features 3M™ 700-Series SMP Products: Advantages 730 740UV 760UV One component, moisture-curing x x x - No mixing - Simplifies production Bonds dissimilar materials x x x - Gives design flexibility Adheres to a wide variety of materials x x x - Multiple uses and design flexibility Permanently elastic x x x - Provides long lasting bonds Fast-skinning x x x - Speeds production Paintable when wet* x x x - Improves appearance High tensile strength - - x - Gives high strength bonds - Replace rivets and mechanical fasteners Low Modulus, Low Shore-A hardness x x - - Ideal for sealing - Good for bonding materials with different coefficients of thermal expansion High Modulus, High Shore-A hardness - - x - Gives high strength bonds Cures Clear x - - - Improves appearance |
Número de pieza similar - 700 |
|
Descripción similar - 700 |