Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STP08CDC596TTR Datasheet(PDF) 14 Page - STMicroelectronics

No. de pieza STP08CDC596TTR
Descripción Electrónicos  8-BIT CONSTANT CURRENT LED SINK DRIVER WITH FULL OUTPUT DETECTION
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP08CDC596TTR Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STP08CDC596TTR Datasheet HTML 10Page - STMicroelectronics STP08CDC596TTR Datasheet HTML 11Page - STMicroelectronics STP08CDC596TTR Datasheet HTML 12Page - STMicroelectronics STP08CDC596TTR Datasheet HTML 13Page - STMicroelectronics STP08CDC596TTR Datasheet HTML 14Page - STMicroelectronics STP08CDC596TTR Datasheet HTML 15Page - STMicroelectronics STP08CDC596TTR Datasheet HTML 16Page - STMicroelectronics STP08CDC596TTR Datasheet HTML 17Page - STMicroelectronics STP08CDC596TTR Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
STP08CDC596
14/20
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
a1
0.51
0.020
B
0.77
1.65
0.030
0.065
b
0.5
0.020
b1
0.25
0.010
D
20
0.787
E
8.5
0.335
e
2.54
0.100
e3
17.78
0.700
F
7.1
0.280
I
5.1
0.201
L
3.3
0.130
Z
1.27
0.050
Plastic DIP-16 (0.25) MECHANICAL DATA
P001C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20